Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1718 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM1718
Description  STM32CubeMX for STM32 configuration and initialization C code generation
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1718 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM1718 Datasheet HTML 35Page - STMicroelectronics UM1718 Datasheet HTML 36Page - STMicroelectronics UM1718 Datasheet HTML 37Page - STMicroelectronics UM1718 Datasheet HTML 38Page - STMicroelectronics UM1718 Datasheet HTML 39Page - STMicroelectronics UM1718 Datasheet HTML 40Page - STMicroelectronics UM1718 Datasheet HTML 41Page - STMicroelectronics UM1718 Datasheet HTML 42Page - STMicroelectronics UM1718 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 231 page
background image
DocID025776 Rev 15
39/231
UM1718
STM32CubeMX User Interface
230
4.2
New project window
This window shows two tabs to choose from:
•
The MCU selector tab offering a list of target processors
•
A Board selector tab showing a list of STMicroelectronics boards.
The MCU selector allows filtering on various criteria: series, lines, packages, peripherals
and additional MCU characteristics such as memory size or number of I/Os (see Figure 21).
The Board selector allows filtering on STM32 board types, series and peripherals (see
Figure 22). Only the default board configuration is proposed. Alternative board
configurations obtained by reconfiguring jumpers or by using solder bridges are not
supported.
When a board is selected, the Pinout view is initialized with the relevant MCU part number
along with the pin assignments for the LCD, buttons, communication interfaces, LEDs,
etc...(see Figure 24). Optionally, the user can choose to initialize it with the default
peripheral modes (see Figure 25).
When a board configuration is selected, the signals change to 'pinned', i.e. they cannot be
moved automatically by STM32CubeMX constraint solver (user action on the peripheral
tree, such as the selection of a peripheral mode, will not move the signals). This ensures
that the user configuration remains compatible with the board.
Table 2. Welcome page shortcuts
Name
Description
New Project
Launches STM32CubeMX new project creation by opening the New
project window (select an MCU from the MCU selector tab or a board
configuration from the Board selector tab).
Load Project
Opens a browser window to select a previously saved configuration (.ioc
file) and loads it.
Caution: When upgrading to a new version of STM32CubeMX, make
sure to always backup your projects before loading the
new project (especially when the project includes user
code).
Help
Opens the user manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com