Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWT5-G2CTR Datasheet(PDF) 2 Page - TT Electronics.

Part # SWT5-G2CTR
Description  Model SWT5 Tactile Switches, 5.1 X 5.1 mm RoHS Compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SWT5-G2CTR Datasheet(HTML) 2 Page - TT Electronics.

  SWT5-G2CTR Datasheet HTML 1Page - TT Electronics. SWT5-G2CTR Datasheet HTML 2Page - TT Electronics. SWT5-G2CTR Datasheet HTML 3Page - TT Electronics. SWT5-G2CTR Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model SWT5
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
October 6, 2006
page 2 of
4
BI technologies
*Contact our customer service for custom designs and features.
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION1111
SWT5
SWT5
SWT5
SWT5 ---- J 1 K T
J 1 K T
J 1 K T
J 1 K TR
R
R
R
Model Series
Style
G – SMD G pin style
J – SMD J pin style
Stem Height
1 – 0.8mm, flushed
2 – 1.5mm
Packaging
TR – Tape and Reel
4000 pieces per reel
Color / Force
Stem Height 1, G pin and J pin
A – Gold, 100 gf
D – Gold, 160 gf
E – Gold, 260 gf
Stem Height 2, G pin
K – Black, 100 gf
S – Silver, 160 gf
C – Copper, 260 gf
Stem Height 2, J pin
K – Black, 100 gf
M – Gray, 160 gf
W – White, 260 gf



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com