Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWTW-G2STR Datasheet(PDF) 3 Page - TT Electronics.

Part # SWTW-G2STR
Description  Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SWTW-G2STR Datasheet(HTML) 3 Page - TT Electronics.

  SWTW-G2STR Datasheet HTML 1Page - TT Electronics. SWTW-G2STR Datasheet HTML 2Page - TT Electronics. SWTW-G2STR Datasheet HTML 3Page - TT Electronics. SWTW-G2STR Datasheet HTML 4Page - TT Electronics. SWTW-G2STR Datasheet HTML 5Page - TT Electronics. SWTW-G2STR Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL SWTW
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
August 9, 2010
page 3 of 6
BI technologies
8 x 8 mm (R and K styles only)
OUTLINE DRAWINGS
Model SWTW-G
(Top Actuation, SMD G pin style, 6 x 6 mm)
ORDERING INFORMATION
SWTW - R 7 G
Model Series
Style
R – Side Actuation, Through hole, 8 x 8mm
K – Top Actuation, Through hole, 8 x 8mm
Packaging
500 pcs/bag
Color / Force
G – Green, 130gf
Stem Height
7 – 5.8mm
8 – 4.7mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com