Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWZ Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # RWZ
Description  Disconnectable Crimp style Wire-to wire connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

RWZ Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  RWZ Datasheet HTML 1Page - JST Mfg. Co., Ltd. RWZ Datasheet HTML 2Page - JST Mfg. Co., Ltd. RWZ Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
RWZ CONNECTOR (Power supply system structure reinforced type)
15
7.5
2-φ4.1
(42)
(Center)
52
Circuit No.1 mark
15
7.5
42
2-φ4.2
52
Circuit No.1 mark
Model No.
RoHS2 compliance
Plug
No. of circuits
Riceptacle
RoHS2 compliance
Form: S --- Strip form
Series name: RW --- RWZ
Part name: M --- Plug contact
Applicable wire: 01 --- AWG #24 to #20
21 --- AWG #24 to #18
61 --- AWG #18 to #14
Surface finish: GG --- Nickel-undercoated, selective gold-plated
Material: S --- Copper alloy
Terminal size
Form: S --- Strip form
Series name: RW --- RWZ
Part name: F --- Receptacle contact
Applicable wire: 01 --- AWG #24 to #20
21 --- AWG #24 to #18
61 --- AWG #18 to #14
Surface finish: GG --- Nickel-undercoated, selective gold-plated
Material: M --- Copper alloy
Terminal size
Model number identification
Series name
Part name: P --- Plug
Indication of No. of circuits: P06 --- Power supply 6-circuit
Flammability: V --- UL94V-0
Type name: S1 --- S1 type
Color indication: K --- Black
Mounting arrangement: FB --- Floating bush
Series name
Part name: R --- Receptacle
Indication of No. of circuits: P06 --- Power supply 6-circuit
Flammability: V --- UL94V-0
Type name: S1 --- S1 type
Color indication: K --- Black
Supplementary symbol: PB --- Guide pin
Plug contact for power supply circuit
Plug
Receptacle contact for power supply circuit
Receptacle



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com