Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDHT Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # SDHT
Description  1.1mm pitch / For Micro SD card Push-Pull type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

SDHT Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  SDHT Datasheet HTML 1Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
This is a space saving and Push-pull type
connector for Micro SD card.
SDHTCONNECTOR
SDHT CONNECTOR
SDHT CONNECTOR
SDHT CONNECTOR
Emboss Tape
1.1mm pitch / For Micro SD card Push-Pull type
Specifications
•Currentrating:0.5AAC/DC
•Voltagerating:15VAC/DC
•Temperaturerange:-25℃to+85℃
(including temperature rise in applying
electrical current)
•Contactresistance:Initialvalue/100mΩmax.
After environmental tests/ 150 mΩ max.
•Insulationresistance:Initial/100MΩmin.
•Withstandingcvoltage:500VAC/minute
• Applicablecard:MicroSDcard
* In using the products,refer to "Handling Precaution for Terminal
and Connector" described on our website (Technical documents
of Product information page)
* Contact JST for details.
* RoHS2 compliance.
10.5
1.3
1.3
1
1
1.5
4.5
2-9.5
10.8
1
1
8-0.7
8.4
1.05
1
1.2
1.05
7-1.1
(0.2)
7.7
Pattern prohibition area
No component
11.4
10.1
Material and Finish
Model No.
SDHT-8BNS-K-307-TB(HF)
Q'ty/reel
2,700
Contact: Copper alloy, nickel-undercoated, gold-plated
Housing: Heat-resistant resin, black
Cover: Stainless, gold-plated
RoHS2 compliance
Note: The product listed above is supplied on embossed-tape.
Note: 1. The above figure is the figure viewed from the connector mounting side.
2. Tolerances are non-cumulative: 0.05 mm for all centers.
The dimensions above should serve as a guideline.
Contact JST for details.
Connector
PC board layout


Similar Part No. - SDHT

ManufacturerPart #DatasheetDescription
logo
Novaris
SDH-100-1500 NOVARIS-SDH-100-1500 Datasheet
358Kb / 1P
SDH High Voltage Surge Diverters
SDH-100-2000 NOVARIS-SDH-100-2000 Datasheet
358Kb / 1P
SDH High Voltage Surge Diverters
SDH-100-550 NOVARIS-SDH-100-550 Datasheet
358Kb / 1P
SDH High Voltage Surge Diverters
SDH-200-1000 NOVARIS-SDH-200-1000 Datasheet
358Kb / 1P
SDH High Voltage Surge Diverters
logo
Power Mate Technology C...
SDH01W P-DUKE-SDH01W_14 Datasheet
438Kb / 3P
DC-DC CONVERTER
More results

Similar Description - SDHT

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FPS009-2960-0 YAMAICHI-FPS009-2960-0 Datasheet
530Kb / 2P
SD Card and MMC Reader - Push / Push (Reversed Type)
logo
SUYIN USA, INC.
250049FB009SXXXZA SUYIN-USA-250049FB009SXXXZA Datasheet
133Kb / 1P
2.50mm Pitch SD Card Push - Push Reverse Type
logo
List of Unclassifed Man...
693071010811 ETC2-693071010811 Datasheet
893Kb / 2P
DESCRIPTION Micro SD Card Connector - Push Push - With Card Detection 8 pins
logo
Japan Aviation Electron...
PF-CF JAE-PF-CF Datasheet
170Kb / 4P
Push-Pull, Easy Disconnection type
logo
Wurth Elektronik GmbH &...
693023010811 WURTH-693023010811 Datasheet
714Kb / 3P
MICRO SIM - PUSH & PULL TYPE - 8 PINS
693063010911 WURTH-693063010911 Datasheet
1Mb / 3P
SD Card Connector - Push & Pull - With Card Detection 9 pins
693063020911 WURTH-693063020911 Datasheet
914Kb / 3P
SD Card Connector - Push & Pull - Short Type With Card Detection - 9 pins
logo
Global Connector Techno...
MEM2080 GCT-MEM2080 Datasheet
182Kb / 3P
Micro SD Memory Card Connector Push-Push, SMT, 1.28mm Profile
13th December 2021
MEM2085 GCT-MEM2085 Datasheet
300Kb / 6P
Micro SD Memory Card Connector, Push-Pull, SMT, 1.15mm Profile
Rev 0.2 25/11/22
logo
ATTEND Technology Inc.
112I ATTEND-112I Datasheet
298Kb / 3P
Micro SD socket, Push-Pull Type, w/card switch, w/Peg, Reel
2020/07/28
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com