Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SISC Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # SISC
Description  Wire-to-wire/Sealed connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

SISC Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  SISC Datasheet HTML 1Page - JST Mfg. Co., Ltd. SISC Datasheet HTML 2Page - JST Mfg. Co., Ltd. SISC Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
36.4
(32.3)
15.4
(47.9)
A
G
A
G
2
SISC CONNECTOR
Female terminal
Male terminal
Female connector
Female housing: PA
Retainer: Glass-filled PBT, Natural
Inner seal: Silicone, Blue
Wire seal: Silicone, Blue
WIre seal cover: Glass-filled PBT, Black
Slider: Glass-filled PBT, Natural
Spring: SUS
Material and Finish
Male connector
Male housing: Glass-filled PBT, Black
Retainer: Glass-filled PBT, Natural
Wire seal: Silicone, Red brown
Wire seal cover: Glass-filled PBT
Material and Finish
6,500
6,500
Q’ty/reel
Applicable wire range
Insulation O.D.
(mm)
Model No.
SAIT-A03T-M064
SAIT-A03GF-M064
Conductor
(mm2)
0.3 to 0.5
0.3 to 0.5
1.9
1.9
Material and Finish
Copper alloy, tin-plated (reflow treatment)
Copper alloy, nickel-undercoated, Contact area; gold-plated
Barrel area; tin-plated
4
640
640
Q’ty/box
Black
Yellow
Housing
Color
Circuits
Model No.
SISCRB-04-1A-K
SISCRB-04-2A-Y
2
1,000
1,000
1,000
1,000
Q’ty/box
Yellow
Black
Natural
Green
Wire Seal cover
Color
Circuits
Model No.
SISCPB-02-1A-K
SISCPB-02-2A-K
SISCPB-02-3A-K
SISCPB-02-4A-K
9,000
9,000
Q’ty/reel
Applicable wire range
Insulation O.D.
(mm)
Model No.
SAITW-A03T-064
SAITW-A03GF-064
Conductor
(mm2)
0.3 to 0.5
0.3 to 0.5
1.9
1.9
Material and Finish
Brass, tin-plated (reflow treatment)
Brass, nickel-undercoated, Contact area; gold-plated
Barrel area; tin-plated
6.5
14
6.4
(22.7)
7.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com