Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWT6-R2MTR Datasheet(PDF) 1 Page - TT Electronics.

Part # SWT6-R2MTR
Description  Model SWT6 Tactile Switches 6X6 mm 500K Actuations RoHS Compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SWT6-R2MTR Datasheet(HTML) 1 Page - TT Electronics.

  SWT6-R2MTR Datasheet HTML 1Page - TT Electronics. SWT6-R2MTR Datasheet HTML 2Page - TT Electronics. SWT6-R2MTR Datasheet HTML 3Page - TT Electronics. SWT6-R2MTR Datasheet HTML 4Page - TT Electronics. SWT6-R2MTR Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model SWT6
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
July 30, 2008
page
1 of 5
BI technologies
Tactile Switches 6X6 mm
500K Actuations
RoHS Compliant
MODELS AVAILABLE
Side Actuation
SWT6-R
Top Actuation
SWT6-V
Top Actuation with Ground
SWT6-E
SMD Top Actuation
SWT6-M
ELECTRICAL
Contact Resistance
100 mΩ
Current Rating
DC 12V, 50 mA
Insulation Resistance
100 MΩ min
Dielectric Strength
AC 250V
ENVIRONMENTAL
Life, Mechanical
500K Actuations
Operating Temperature Range
-20
oC – 70oC.
Storage Temperature
-30
oC – 80oC
Shock
Mil-STD-202F, Method 213B Condition A
Vibration
Mil-STD-202F, Method 201A
Operating Force Range (refer to definition table below))
100 gf – 260 gf


Similar Part No. - SWT6-R2MTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SWT6-R BITECH-SWT6-R Datasheet
199Kb / 5P
Tactile Switches 6X6 mm 1 Million Actuations RoHS Compliant
More results

Similar Description - SWT6-R2MTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SWT3-G BITECH-SWT3-G Datasheet
356Kb / 5P
Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
SWT4 BITECH-SWT4 Datasheet
199Kb / 4P
Tactile Switches 4.6 X 4.6 mm Low Profile 0.5 mm RoHS Compliant
SWT6 BITECH-SWT6 Datasheet
199Kb / 5P
Tactile Switches 6X6 mm 1 Million Actuations RoHS Compliant
SWT7 BITECH-SWT7 Datasheet
358Kb / 5P
Tactile Switches, 6.2 X 6.3 mm Low Profile, SMD RoHS Compliant
SWT8 BITECH-SWT8 Datasheet
380Kb / 4P
Tactile Switches 6.2X6.2 mm Square Stem Cap available RoHS Compliant
logo
GREATECS
TP38H GREATECS-TP38H Datasheet
219Kb / 7P
6x6 mm SMT Halogen-Free Tactile Switches
logo
TT Electronics.
SWT3 TTELEC-SWT3 Datasheet
359Kb / 5P
Model SWT3 Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
SWT4 TTELEC-SWT4 Datasheet
136Kb / 5P
Tactile Switches 4.6 X 4.6 mm Low Profile 0.5 mm RoHS Compliant
SWT5 TTELEC-SWT5 Datasheet
284Kb / 4P
Model SWT5 Tactile Switches, 5.1 X 5.1 mm RoHS Compliant
SWT7 TTELEC-SWT7 Datasheet
362Kb / 5P
Model SWT7 Tactile Switches, 6.2 X 6.3 mm Low Profile, SMD RoHS Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com