Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWT6-R5MTR Datasheet(PDF) 2 Page - TT Electronics.

Part # SWT6-R5MTR
Description  Model SWT6 Tactile Switches 6X6 mm 500K Actuations RoHS Compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SWT6-R5MTR Datasheet(HTML) 2 Page - TT Electronics.

  SWT6-R5MTR Datasheet HTML 1Page - TT Electronics. SWT6-R5MTR Datasheet HTML 2Page - TT Electronics. SWT6-R5MTR Datasheet HTML 3Page - TT Electronics. SWT6-R5MTR Datasheet HTML 4Page - TT Electronics. SWT6-R5MTR Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model SWT6
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
July 30, 2008
page
2 of 5
BI technologies
ORDERING INFORMATION
SWT6 - M 2 Y TR
Model Series
Style
R – Side Actuation
V – Top Actuation
E – Top Actuation with Ground
M – SMD Top Actuation
Stem Height (Styles Available)
1 – 3.85 mm (R)
2 – 4.3 mm (V, E, M)
3 – 5.0 mm (V, E, M)
4 – 5.85 mm (R)
5 – 7.0 mm (V, E, M)
6 – 8.35 mm (R)
7 – 9.5 mm (V, E)
8 – 13mm (V)
Packaging
Blank – Bulk
Style R – 1000 pcs
Style V & E – 2000 pcs
AP – Ammo Pack
Style V – 1000 pcs
Style E – 800 pcs
TR – Tape & Reel
Style M, Stem Heights 2 & 3 – 1000 pcs
Style M, Stem Height 5 – 750 pcs
Color / Force
Styles R, V, E
Style V 13mm height only
K – Black, 100 gf
K – Black, 100 gf
M – Gray, 160 gf
N – Brown, 160 gf
R – Red, 260 gf
R – Red, 260 gf
Style M
Y – Yellow, 100 gf
G – Green, 160 gf
B – Blue, 260 gf



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com