Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FHN Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # FHN
Description  0.5mm pitch/Connectors for FFC and FPC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

FHN Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  FHN Datasheet HTML 1Page - JST Mfg. Co., Ltd. FHN Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FHN CONNECTOR
0.5
0.32
A
E
D
2
0.3
±0.05
±0.05
±0.05
±0.04
±0.08
±0.03
±0.03
Lead section dimensions of FFC/FPC
C
6.1
0.25
B
A
0.5
Circuit No.1 mark
Connector
2
No. of
circuits
Model No.
Dimensions (mm)
AB
Q'ty/
reel
10
10FHN-RSM1-A-T-TF
4.5
13.0
C
8.8
2,300
Material and Finish
Contact: Copper alloy, tin-plated
Bearing parts: Copper alloy, tin-plated
Lock parts: Copper alloy, tin-plated
Socket housing: LCP, UL94V-0, black
Cover housing: LCP, UL94V-0, black
Tin-plated product
No. of
circuits
Model No.
Dimensions (mm)
AB
Q'ty/
reel
8
3.5
12.0
C
7.8
2,300
Material and Finish
Contact: Copper alloy, nickel-undercoated, selective gold-plated
Bearing parts: Copper alloy, tin-plated
Lock parts: Copper alloy, tin-plated
Socket housing: LCP, UL94V-0, black
Cover housing: LCP, UL94V-0, black
RoHS2 compliance
Note: The product listed above is supplied on embossed-tape.
RoHS2 compliance
Note: The product listed above is supplied on embossed-tape.
No. of
circuits
Dimensions (mm)
AD
8
10
3.5
4.5
5.5
5.5
E
7.5
8.5
Note: 1. The tolerance of FFC/FPC conductor pitch should be ±0.05 mm and non-cumulative.
2. The dimensions above should serve as a guideline. Contact JST for details.
Connector
Model number identification
<8, 10 circuits>



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com