Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWTW-S1VBATR Datasheet(PDF) 1 Page - TT Electronics.

Part # SWTW-S1VBATR
Description  Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SWTW-S1VBATR Datasheet(HTML) 1 Page - TT Electronics.

  SWTW-S1VBATR Datasheet HTML 1Page - TT Electronics. SWTW-S1VBATR Datasheet HTML 2Page - TT Electronics. SWTW-S1VBATR Datasheet HTML 3Page - TT Electronics. SWTW-S1VBATR Datasheet HTML 4Page - TT Electronics. SWTW-S1VBATR Datasheet HTML 5Page - TT Electronics. SWTW-S1VBATR Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL SWTW
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
August 9, 2010
page 1 of 6
BI technologies
Tactile Switches
6 x 6 mm and 8 x 8mm
Sealed, Washable
RoHS Compliant
STYLES AVAILABLE
Top Actuation SMD – G Pin, 6 x 6 mm
SWTW-G
Top Actuation SMD – G pin with Ground, 6 x 6 mm
SWTW-X
Top Actuation SMD – J pin, 6 x 6 mm
SWTW-J
Side Actuation SMD – J pin, 6 x 6 mm
SWTW-S
Top Actuation Through Hole, 6 x 6 mm
SWTW-H
Side Actuation Through Hole, 8 x 8 mm
SWTW-R
Top Actuation Through Hole, 8 x 8 mm
SWTW-K
ELECTRICAL
Contact Resistance
100 milli Ω max
Insulation Resistance
100 M Ω min. at 500VDC
Dielectric Strength
AC 250VAC / Minute
Rating
DC 12V / 50 mA ( DC 50V/50mA for SWTW-R only )
ENVIRONMENTAL (MIL-R-39023)
Life Mechanical (range)
100K Cycles : Stem heights 1 & 2, 500K Cycles : Others
(200K cycles : SWTW-S only)
(1 Millions cycles : SWTW-R and SWTW-K only)
Operating Force Range (refer to ordering information)
130 gf – 360 gf
Operating Temperature Range
-25ºC – 70ºC,
( -40ºC to +90ºC for SWTW-R and SWTW-K only )
Storage Temperature Range
-30ºC – 80ºC,
( -40ºC to +90ºC for SWTW-R and SWTW-K only )
Stop Strength
Vertical Static Load of 3Kg continuously for 15 sec
Vibration
Mil-STD-202F, Method 201A
Shock
Mil-STD-202F, Method 213B Condition A
Soldering
Profile available upon request


Similar Part No. - SWTW-S1VBATR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SWTW-S BITECH-SWTW-S Datasheet
232Kb / 6P
Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
More results

Similar Description - SWTW-S1VBATR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SWT3-G BITECH-SWT3-G Datasheet
356Kb / 5P
Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
SWTW BITECH-SWTW Datasheet
232Kb / 6P
Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
logo
GREATECS
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
Standard 6 x 6 mm Tactile Switches
TP2 GREATECS-TP2 Datasheet
159Kb / 1P
6 x 6 mm THT Tactile Switches with Ground Terminal
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
6 x 6 mm Washable Tactile Switches
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
6 x 3.5 mm Tactile Switches
TP7 GREATECS-TP7 Datasheet
104Kb / 1P
7.2 x 7.2 mm Sealed Tactile Switches
TP57 GREATECS-TP57 Datasheet
168Kb / 2P
12 x 12 mm Washable Halogen-Free Tactile Switches
logo
TT Electronics.
SWT3 TTELEC-SWT3 Datasheet
359Kb / 5P
Model SWT3 Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
SWT5 TTELEC-SWT5 Datasheet
284Kb / 4P
Model SWT5 Tactile Switches, 5.1 X 5.1 mm RoHS Compliant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com