Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-Z07 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-Z07
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-Z07 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-Z07 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-Z07 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-Z07 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-Z07 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for model selection. For business, engineering specification by model must be used.
4-2
NOV. 2014
Rated
75W
Peak
120W
SNP-Z07 Series
-Kevin-
General Purpose
Output Specifications:
Note:
SNP-Z071
+5V
0A
3.5A
5A
+4.95V~+5.05V
1%
±1%
±3%
+12V
0A
3.5A
9A
+11.4V~+12.6V
1%
±1%
±3%
78%
-12V
0A
0.3A
-11.4V~-12.6V
1%
±1%
±5%
SNP-Z073
+5V
0A
3.5A
5A
+4.95V~+5.05V
1%
±1%
±3%
78%
+12V
0A
4A
9A
+11.4V~+12.6V
1%
±1%
±3%
SNP-Z076
+5V
0A
14A
+4.95V~+5.05V
1%
±1%
±1%
79%
SNP-Z077
+12V
0A
5.6A
9A
+11.88V~+12.12V
1%
±1%
±1%
81%
+5V
0A
0.5A
+4.75V~+5.25V
1%
±1%
±1%
SNP-Z078
+15V
0A
4.8A
8A
+14.85V~+15.15V
1%
±1%
±1%
82%
+5V
0A
0.5A
+4.75V~+5.25V
1%
±1%
±1%
SNP-Z079
+24V
0A
3A
5A
+23.76V~+24.24V
1%
±1%
±1%
84%
+5V
0A
0.5A
+4.75V~+5.25V
1%
±1%
±1%
SNP-Z07T
+48V
0A
1.6A
+47.6V~+48.4V
1%
±1%
±1%
86%
SNP-Z07E
+3.3V
0A
6A
10A
+3.26V~+3.33V
50mV
±1%
±3%
+5V
0A
4A
7A
+4.75V~+5.25V
1%
±1%
±3%
78%
+12V
0A
2A
+11.4V~+12.6V
1%
±1%
±5%
-12V
0A
0.6A
-11.4V~-12.6V
1%
±1%
±5%
MODEL
OUTPUT
LOAD
VOLTAGE
RIPPLE
LINE
LOAD
EFFICIENCY
NO.
RAIL
MIN.
RATED PEAK
ACCURACY
NOISE
REG.
REG.
TYPICAL
1. For SNP-Z07E, +3.3V and +5V can provide up to peak load continuously but the maximum combination load should be less than 45W. In other models,
peak load can be provided temporarily and continuous staying in more than rated load is not allowed.
2. At factory, all outputs in 60% rated load condition, each output is checked to be within the accuracy range while the main output is setting to within the
specified accuracy range at rated load.
3. Line regulation is defined by changing ±10% of input voltage from nominal line at rated load.
4. Load regulation is defined by changing ±40% of measured output load from 60% rated load at another output set to 60% rated load.
5. Ripple & noise is measured by using 15MHz bandwidth limited oscilloscope and terminated each output with a 0.47uF capacitor at rated load and nominal
line. For SNP-Z076, one extra 39uF electrolytic capacitor should be added.
6. Hold up time is measured from the end of the last charging pulse to the time which the main output drop down to regulation limit at rated load and nomi-
nal line.
7. Rated load is maximum loading for flat mounting and free air convection cooling.
8. +5V output can be optional for SNP-Z077, -Z078, -Z079.
9. -12V output can be optional for SNP-Z07E.
10. Model Selection:
SNP-Z07x is for both of ITE application and medical application.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com