Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-Z05T Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-Z05T
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-Z05T Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-Z05T Datasheet HTML 1Page - Skynet Electronic Copyright SNP-Z05T Datasheet HTML 2Page - Skynet Electronic Copyright SNP-Z05T Datasheet HTML 3Page - Skynet Electronic Copyright SNP-Z05T Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for model selection. For business, engineering specification by model must be used.
4-2
AUG. 2014
Rated
55W
Peak
65W
SNP-Z05 Series
-Kevin-
General Purpose
Output Specifications:
1. The max. load can be continuously provided at 40oC and convection cooling conditions. The peak load can be temporarily provided up to 8 seconds.
2. At factory, all outputs in 60% rated load condition, each output is checked to be within the accuracy range while the main output is setting to within the
specified accuracy range at rated load.
3. Line regulation is defined by changing ±10% of input voltage from nominal line at rated load.
4. Load regulation is defined by changing ±40% of measured output load from 60% rated load at another output set to 60% rated load.
5. Ripple & noise is measured by using 15MHz bandwidth limited oscilloscope and terminated each output with a 0.47uF capacitor at rated load and nominal
line. For SNP-Z056 and SNP-Z05B, one extra 47uF electrolytic capacitor should be added.
6. Hold up time is measured from the end of the last charging pulse to the time which the main output drop down to regulation limit at rated load and nomi-
nal line.
7. Model Selection:
SNP-Z05x is for both of ITE application and medical application.
Note:
MODEL
OUTPUT
LOAD
VOLTAGE
RIPPLE
LINE
LOAD
NO.
RAIL
MIN. RAGED MAX. PEAK
ACCURACY
NOISE
REG.
REG.
SNP-Z056
+5V
0A
7A
9A
+4.95V~+5.05V
50mVpp
±0.5%
±1%
SNP-Z057
+12V
0A
4.6A
5.4A +11.88V~+12.12V
0.5%
±0.5%
±0.5%
SNP-Z058
+15V
0A
3.7A
4.3A +14.85V~+15.15V
0.5%
±0.5%
±0.5%
SNP-Z059
+24V
0A
2.3A
2.7A +23.76V~+24.24V
0.5%
±0.5%
±0.5%
SNP-Z05T
+48V
0A 1.15A
1.35A
+47.6V~+48.4V
0.5%
±0.5%
±0.5%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com