Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-Z067 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-Z067
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-Z067 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-Z067 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-Z067 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-Z067 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-Z067 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for model selection. For business, engineering specification by model must be used.
4-2
JUL. 2014
Rated
65W
Peak
90W
SNP-Z06 Series
-Kevin-
General Purpose
Output Specifications:
1. At peak load, the output can last for 8 seconds without shut down.
2. The maximum combinational load of SNP-Z06D for +3.3V & +5V is 30W.
3. At factory, all outputs in 60% rated load condition, each output is checked to be within the accuracy range while the main output is setting to within the
specified accuracy range at rated load.
4. Line regulation is defined by changing ±10% of input voltage from nominal line at rated load.
5. Load regulation is defined by changing ±40% of measured output load from 60% rated load at another output set to 60% rated load.
6. Ripple & noise is measured by using 15MHz bandwidth limited oscilloscope and terminated each output with a 0.47uF capacitor at rated load and nominal
line.
7. Hold up time is measured from the end of the last charging pulse to the time which the main output drop down to regulation limit at rated load and nomi-
nal line.
8. The efficiency is measured at nominal line and rated load.
9. Model Selection:
SNP-Z06x is for both of ITE application and medical application.
Note:
+5V
0A
3A
5A
+4.95V~+5.05V
1%
±1%
±3%
SNP-Z061
+12V
0A
3A
5A
+11.4V~+12.6V
1%
±1%
±3%
82%
-12V
0A 0.3A
-11.4V~-12.6V
1%
±1%
±5%
+3.3V
0A 4.5A
6A
+3.2V~+3.4V
50mV
±1%
±3%
SNP-Z06D
+5V
0A
3A
5A
+4.75V~+5.25V
1%
±1%
±3%
80%
+12V
0A 0.7A
+11.4V~+12.6V
1%
±1%
±5%
SNP-Z063
+5V
0A
3A
6A
+4.95V~+5.05V
1%
±1%
±3%
82%
+12V
0A
3A
5A
+11.4V~+12.6V
1%
±1%
±3%
SNP-Z06A
+5V
0A
4A
6A
+4.95V~+5.05V
1%
±1%
±3%
83%
+24V
0A 1.5A
3A
+22.8V~+25.2V
1%
±1%
±3%
SNP-Z066-1
+5V
0A 12A
18A
+4.95V~+5.05V
1%
±0.5%
±0.5%
85%
SNP-Z067
+12V
0.1A 4.8A
7.5A +11.88V~+12.12V
0.5%
±1%
±1%
82%
+5V
0A 0.5A
+4.75V~+5.25V
1%
±1%
±1%
SNP-Z067-1
+12V
0.1A
5A
7.5A +11.88V~+12.12V
0.5%
±1%
±1%
85%
SNP-Z068
+15V
0A 3.8A
6A +14.85V~+15.15V
0.5%
±1%
±1%
84%
+5V
0A 0.5A
+4.75V~+5.25V
1%
±1%
±1%
SNP-Z068-1
+15V
0.1A 4.3A
6A +14.85V~+15.15V
0.5%
±1%
±1%
85%
SNP-Z069
+24V
0.1A 2.4A
3.7A +23.75V~+24.24V
0.5%
±1%
±1%
85%
+5V
0A 0.5A
+4.75V~+5.25V
1%
±1%
±1%
SNP-Z069-1
+24V
0.1A 2.7A
3.7A +23.75V~+24.24V
0.5%
±1%
±1%
85%
SNP-Z06T
+48V
0A 1.35A
1.9A
+47.6V~+48.4V
0.5%
±0.5%
±0.5%
87%
MODEL
OUTPUT
LOAD
VOLTAGE
RIPPLE
LINE
LOAD
EFFICIENCY
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
NOISE
REG.
REG.
TYPICAL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com