Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-Z153 Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-Z153
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-Z153 Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-Z153 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-Z153 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-Z153 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-Z153 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
4-1
Rated
150W
Peak
220W
SNP-Z15 Series
-Jim-
NOV. 2016
General Purpose
Input voltage ......................................... 90 VAC to 264 VAC
Input frequency ............................................. 47 Hz to 63 Hz
Power factor ................................................................ > 0.93
Inrush current ............................................< 30A at 115VAC
(cold start at 25oC)
or < 60A at 230VAC
Efficiency ............................. 82%~88% depends on models
Hold up time .................................................... 20 ms typical
at rated load and 115VAC
Over load protection ........................................ auto recovery
Short circuit protection..................................... auto recovery
Over voltage protection ............................................. latch off
Operating temperature ....................... 0oC to 70oC convection
derating: 2.5% / oC > 50oC
Cooling ..................................................... free air convection
Storage temperature ...................................... -40oC to +85oC
EMI .......................................................................... FCC "B"
EN55022"B", EN55011"B"
EMS....................................... EN61000-4-2,-3,-4,-5,-6,-8,-11
Safety ..............................................UL 60950-1, UL 60601-1
CSA C22.2 No. 60950-1, No. 601.1
EN 60950-1, EN 60601-1
Mechanical Specifications:
General Specifications:
Features:
●
With built-in PFC
●
Only 1.5 inch height
●
With ITE & Medical safety
●
Efficiency between 82% to 88%
●
Operation from 0oC to 70oC by convection
Applications:
●
For dental, laboratory products, pumps, monitors, sleep
apnea devices and many other uses.
Notes:
1. Size:
3.8" x 6.8" x 1.5"
2. Mounting Hole:
63.5 x 162.5 (mm)
3. Connectors
(a) TB1-AC input
:
Molex 5277-02A or equivalent
(b) TB2-DC output
:
Molex 5273-12A and Molex 5273-09A
(c) TB3-LED
:
Molex 5045-02A or equivalent for all models
(d) TB4-FAN
:
Molex 5045-02A or equivalent for all models
(e) TB4-Remote sense :
Molex 5045-02A or equivalent for SNP-Z156
4. Output Pin assignment:
5. Packing:
Net weight: 555 g / unit
Gross weight: 13.7 kg / carton, 20 units / carton
Carton size (mm): 453 (L) x 362 (W) x 279 (H)
SNP-Z151
-12V +5V +5V +5V GND GND GND GND GND +12V +12V +12V
SNP-Z15E
+12V -12V +3.3V +3.3V +3.3V GND GND GND GND GND +5V +5V
SNP-Z153
NC +5V +5V +5V GND GND GND GND GND +12V +12V +12V
SNP-Z156
+5V +5V +5V +5V +5V +5V GND GND GND GND GND GND
SNP-Z157
+5V GND GND GND GND +12V +12V +12V +12V
SNP-Z157-1 NC GND GND GND GND +12V +12V +12V +12V
SNP-Z158
+5V GND GND GND GND +15V +15V +15V +15V
SNP-Z158-1 NC GND GND GND GND +15V +15V +15V +15V
SNP-Z159
+5V GND GND GND GND +24V +24V +24V +24V
SNP-Z159-1 NC GND GND GND GND +24V +24V +24V +24V
SNP-Z15T
NC GND GND GND GND +48V +48V +48V +48V
SNP-Z15F
+12V -12V +5V +5V +5V GND GND GND GND GND GND +24V
PIN NO.
1
2
3
4
5
6
7
8
9
10
11
12
10 years Warranty (contact Skynet's Distributors for details)
3.8" x 6.8" x 1.5"
TB1
L
N
TRANSFORMER
TB2
1
TB3LED
TB4FAN
Countersunk holes ø4.0
Screw protrusion
customer system
Chassis
Mounting screw
4.0 max.
20.3
31.8
162.5
5.1
63.5
16.5
x4
x8
For M4x0.7 screw
BOTTOM VIEW
160.7
132.1
172.7 (6.8")
96.5
(3.8")
38.1
(1.5")


Similar Part No. - SNP-Z153

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-Z101-M SKYNET-SNP-Z101-M Datasheet
382Kb / 4P
Medical Family
SNP-Z104-M SKYNET-SNP-Z104-M Datasheet
382Kb / 4P
Medical Family
SNP-Z106-M SKYNET-SNP-Z106-M Datasheet
382Kb / 4P
Medical Family
SNP-Z107-M SKYNET-SNP-Z107-M Datasheet
382Kb / 4P
Medical Family
SNP-Z108-M SKYNET-SNP-Z108-M Datasheet
382Kb / 4P
Medical Family
More results

Similar Description - SNP-Z153

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
General purpose
logo
Skynet Electronic Copyr...
SNP-Z20 SKYNET-SNP-Z20 Datasheet
326Kb / 4P
General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
SNP-F60 SKYNET-SNP-F60 Datasheet
355Kb / 4P
General Purpose
SNP-F80 SKYNET-SNP-F80 Datasheet
411Kb / 4P
General Purpose
logo
Motorola, Inc
2N4123 MOTOROLA-2N4123 Datasheet
165Kb / 6P
General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com