Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-Z207 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-Z207
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-Z207 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-Z207 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-Z207 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-Z207 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-Z207 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
General Purpose
4-2
NOV. 2016
-Jim-
Rated
200W
SNP-Z20 Series
Output Specifications:
Note:
1. Each output can provide up to max load separately when the power supply starts up. To exceed the max. output power continuously is not allowed.
2. At factory, in 60% rated load condition, each output is checked to be within voltage accuracy.
3. Line regulation is defined by changing ±10% of input voltage from nominal line at rated load.
4. Load regulation is defined by changing ±40% of measured output load from 60% rated load at another output set to 60% rated load.
5. Ripple & noise is measured by using 15MHz bandwidth limited oscilloscope and terminated each output with a 0.47uF capacitor at rated load and nominal
line.
6. Hold up time is measured from the end of the last charging pulse to the time which the main output drops down to low limit of main output at rated load
and nominal line.
7. Efficiency is measured at rated load and nominal line.
8. +12VB is floating.
9. Model Selection:
SNP-Z20x is for ITE application.
SNP-Z207-M and SNP-Z209-M are for medical application.
+5V
2A
20A 25A
+4.95V~+5.05V
50mVpp
±1%
±1%
SNP-Z201
+12VA
0A
6A
8A
+11.4V~+12.60V
120mVpp
±1%
±1%
+12VB
0A
2A
3A
+11.4V~+12.60V
120mVpp
±1%
±5%
SNP-Z207
+12V
0A
17A 21A
+11.40V~+12.60V
100mVpp
±1%
±1%
SNP-Z207-M
+12V
0A
17A 21A
+11.40V~+12.60V
100mVpp
±1%
±1%
SNP-Z208
+15V
0A 13.5A 17A
+14.25V~+15.75V
100mVpp
±1%
±1%
SNP-Z205
+18V
0A 11.3A 14A
+17.1V~+18.9V
150mVpp
±1%
±1%
SNP-Z209
+24V
0A
8.5A 10.5A
+23.80V~+24.20V
100mVpp
±1%
±1%
SNP-Z209-M
+24V
0A
8.5A 10.5A
+23.80V~+24.20V
100mVpp
±1%
±1%
SNP-Z20T
+48V
0A
4.3A 5.2A
+45.60V~+50.40V
100mVpp
±1%
±1%
MODEL
OUTPUT
LOAD
VOLTAGE
RIPPL
LINE
LOAD
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
NOISE
REG.
REG.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com