Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-Z306 Datasheet(PDF) 3 Page - Skynet Electronic Copyright

Part # SNP-Z306
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-Z306 Datasheet(HTML) 3 Page - Skynet Electronic Copyright

  SNP-Z306 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-Z306 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-Z306 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-Z306 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General Purpose
** This data sheet is only for models selection. For business, engineering specification by model must be used.
NOV. 2016
4-3
Rated
300W
SNP-Z30 Series
-Jim-
Performance for SNP-Z309 (input voltage is 115VAC, unless others specified):
3. Output turn on wave form
4. Output turn off wave form
2. Line frequency ripple
1. Switching frequency ripple
5. Hold-up time
6. Over voltage protection
+24V/12A
+5V/2A
2us/div
50mV/div
100mV/div
+24V/12A
+5V/2A
5ms/div
50mV/div
100mV/div
+24V/12A
+5V/2A
5.0V/div, 0.1s/div
+24V/12A
+5V/2A
5.0V/div, 10ms/div
Primary DC
10ms/div
10.0V/div
10.0V/div
Trip point around 28.2V
10.0V/div, 10ms/div
+5V
0A
32A 45A
+4.95V~+5.05V
50mVpp
±1%
±1%
SNP-Z301
+12V
0A
10A 14A
+11.40V~+12.60V
100mVpp
±1%
±1%
-12V
0A
1A
2A
-11.40V~-12.60V
100mVpp
±1%
±1%
+3.3V
0A
20A 30A
+3.20V~+3.40V
50mVpp
±1%
±1%
SNP-Z30D
+5V
0A
20A 30A
+4.75V~+5.25V
50mVpp
±1%
±1%
+12V
0A
8A 10A
+11.40V~+12.60V
100mVpp
±1%
±5%
SNP-Z305
+18V
0A
16A 19.5A
+17.80V~+18.20V
50mVpp
±1%
±1%
+12V(floating) 0A
1A
+11.75V~+12.75V
100mVpp
±1%
±3%
SNP-Z306
+5V
0A
60A 72A
+4.95V~+5.05V
50mVpp
±1%
±1%
SNP-Z307
+12V
0A
25A 30A
+11.80V~+12.20V
100mVpp
±1%
±1%
+5V(floating) 0A
2A
+4.80V~+5.20V
50mVpp
±1%
±1%
SNP-Z308
+15V
0A
20A 23A
+14.8V~+15.2V
150mVpp
±1%
±1%
+12V(floating) 0A
0.5A
+11.76V~+12.24V
50mVpp
±1%
±1%
SNP-Z308-1
+15V
0A
20A 23A
+14.80V~+15.20V
150mVpp
±0.5%
±1%
+5V(floating) 0A
2A
+4.90V~+5.10V
50mVpp
±0.5%
±1%
SNP-Z309
+24V
0A
12A 14.6A
+23.80V~+24.20V
200mVpp
±1%
±1%
+5V(floating) 0A
2A
+4.80V~+5.20V
50mVpp
±1%
±1%
SNP-Z30C
+9.5V
0A
25A 30A
+9.30V~+9.70V
95mVpp
±0.5%
±1%
SNP-Z30T
+48V
0A 6.25A 7.3A
+47.80V~+48.20V
200mVpp
±1%
±1%
+5V(floating) 0A
2A
+4.80V~+5.20V
50mVpp
±1%
±1%
SNP-Z30B
+3.3V
0A
70A 90A
+3.14V~+3.47V
50mVpp
±1%
±1%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com