Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-Z309 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-Z309
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-Z309 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-Z309 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-Z309 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-Z309 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-Z309 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
General Purpose
** This data sheet is only for models selection. For business, engineering specification by model must be used.
4-2
NOV. 2016
Rated
300W
SNP-Z30 Series
-Jim-
Output Specifications:
Note:
1. Each output can provide up to max load separately. Continuous staying in more than total output power is not allowed in free air convection. The max.
load must be with 18 CFM fan cooling.
2. At factory, in 60% rated load condition, each output is checked to be within voltage accuracy.
3. Line regulation is defined by changing ±10% of input voltage from nominal line at rated load.
4. Load regulation is defined by changing ±40% of measured output load from 60% rated load at another output set to 60% rated load.
5. Ripple & noise is measured by using 15MHz bandwidth limited oscilloscope and terminated each output with a 0.47uF capacitor at rated load and nomi-
nal line.
6. Hold up time is measured from the end of the last charging pulse to the time which the main output drops down to low limit of main output at rated load
and nominal line.
7. Efficiency is measured at rated load and nominal line.
8. Model Selection:
SNP-Z30x is for ITE application.
9. The output connector for SNP-Z30B & SNP-Z30D is shown as right-hand figure.
+5V
0A
32A 45A
+4.95V~+5.05V
50mVpp
±1%
±1%
SNP-Z301
+12V
0A
10A 14A
+11.40V~+12.60V
100mVpp
±1%
±1%
-12V
0A
1A
2A
-11.40V~-12.60V
100mVpp
±1%
±1%
+3.3V
0A
20A 30A
+3.20V~+3.40V
50mVpp
±1%
±1%
SNP-Z30D
+5V
0A
20A 30A
+4.75V~+5.25V
50mVpp
±1%
±1%
+12V
0A
8A 10A
+11.40V~+12.60V
100mVpp
±1%
±5%
SNP-Z305
+18V
0A
16A 19.5A
+17.80V~+18.20V
50mVpp
±1%
±1%
+12V(floating) 0A
1A
+11.75V~+12.75V
100mVpp
±1%
±3%
SNP-Z306
+5V
0A
60A 72A
+4.95V~+5.05V
50mVpp
±1%
±1%
SNP-Z307
+12V
0A
25A 30A
+11.80V~+12.20V
100mVpp
±1%
±1%
+5V(floating) 0A
2A
+4.80V~+5.20V
50mVpp
±1%
±1%
SNP-Z308
+15V
0A
20A 23A
+14.8V~+15.2V
150mVpp
±1%
±1%
+12V(floating) 0A
0.5A
+11.76V~+12.24V
50mVpp
±1%
±1%
SNP-Z308-1
+15V
0A
20A 23A
+14.80V~+15.20V
150mVpp
±0.5%
±1%
+5V(floating) 0A
2A
+4.90V~+5.10V
50mVpp
±0.5%
±1%
SNP-Z309
+24V
0A
12A 14.6A
+23.80V~+24.20V
200mVpp
±1%
±1%
+5V(floating) 0A
2A
+4.80V~+5.20V
50mVpp
±1%
±1%
SNP-Z30C
+9.5V
0A
25A 30A
+9.30V~+9.70V
95mVpp
±0.5%
±1%
SNP-Z30T
+48V
0A 6.25A 7.3A
+47.80V~+48.20V
200mVpp
±1%
±1%
+5V(floating) 0A
2A
+4.80V~+5.20V
50mVpp
±1%
±1%
SNP-Z30B
+3.3V
0A
70A 90A
+3.14V~+3.47V
50mVpp
±1%
±1%
MODEL
OUTPUT
LOAD
VOLTAGE
RIPPLE
LINE
LOAD
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
NOISE
REG.
REG.
SNP-Z30B SNP-Z30D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com