Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4276 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4276
Description  Auxiliary Power Support as Low as 9V
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4276 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4276 Datasheet HTML 9Page - Linear Technology LTC4276 Datasheet HTML 10Page - Linear Technology LTC4276 Datasheet HTML 11Page - Linear Technology LTC4276 Datasheet HTML 12Page - Linear Technology LTC4276 Datasheet HTML 13Page - Linear Technology LTC4276 Datasheet HTML 14Page - Linear Technology LTC4276 Datasheet HTML 15Page - Linear Technology LTC4276 Datasheet HTML 16Page - Linear Technology LTC4276 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LT4276
13
4276fa
For more information www.linear.com/LT4276
The block diagram shows VSENSE is compared against
the voltage across the current sense resistor, V(ISEN+)-
V(ISEN–) modified by the internal slope compensation
voltage discussed subsequently.
LOAD COMPENSATION
As can be seen in Figure 13, the voltage on the FB31 pin
droops slightly during the flyback period. This is mostly
caused by resistances of components of the secondary
side such as: the secondary winding, RDS(ON) of the syn-
chronous MOSFET, ESR of the output capacitor, etc. These
resistances cause a feedback error that is proportional to
the current in the secondary loop at the time of feedback
sample window. To compensate for this error, the LT4276
places a voltage proportional to the peak current in the
primary winding on the RLDCMP pin.
Determining Feedback and Load Compensation
Resistors
Because the resistances of components on the secondary
side are generally not well known, an empirical method
must be used to determine the feedback and load com-
pensation resistor values.
INITIALLY SET RFB2 = 2kΩ
RFB1≈RFB2
VOUT
VFB
NTHIRD
NSECONDARY
–RFB2
ConnecttheresistorRLDCMPbetweentheRLDCMPpinand
GND. RLDCMP must be at least 10kΩ. Adjust RLDCMP for
minimumchangeofVOUToverthefullinputandoutputload
range. A potentiometer in series with 10kΩ may be initially
used for RLDCMP and adjusted. The potentiometer+10kΩ
may then be removed, measured, and replaced with the
equivalent fixed resistor. The resulting VOUT differs from
the desired VOUT due to offset injected by load compensa-
tion. The change to RFB2 to correct this is predicted by:
ΔRFB2 =
ΔVOUT
VFB
NTHIRD
NSECONDARY
RFB22
RFB1
applicaTions inForMaTion
Where: ΔVOUT is the desired change to VOUT
ΔRFB2 is the required change to RFB2
NTHIRD/NSECONDARY is the transformer third
winding to secondary winding
OPTO-ISOLATOR FEEDBACK
For forward mode operation, the flyback voltage cannot be
sensed across the transformer. Thus, opto-isolator feed-
back must be used. When using opto-isolator feedback,
connect the FB31 pin to GND and leave the RLDCMP pin
open. In this condition, the feedback amplifier sinks an
average current of ISINK into the ITHB pin. An example for
feedback connections is shown in Figure 14. Note that
since ISINK is time-averaged over the switching period,
the sink current varies as a function of the user-selected
switching frequency.
Figure 14: Opto-isolator Feedback
Connections in the Forward Mode
LT4276
ITHB
4276 F13
VCC
VOUT
CX
RX
FB31
GND
SOFT-START
In PoE applications, a proper soft-start design is required
to prevent the PD from drawing more current than the
PSE can provide.
The soft-start time, tSFST, is approximately the time in
which the power supply output voltage, VOUT, is charg-
ing its output capacitance, COUT. This results in an inrush
current at the port of the PD, Iport_inrush. Care must be
taken in selecting tSFST to prevent the PD from drawing
more current than the PSE can provide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com