Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2POLE Datasheet(PDF) 1 Page - Soshin electric Co., Ltd.

Part # 2POLE
Description  Coaxial Dielectric Filter (2-Pole type)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOSHIN [Soshin electric Co., Ltd.]
Direct Link  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.

2POLE Datasheet(HTML) 1 Page - Soshin electric Co., Ltd.

  2POLE Datasheet HTML 1Page - Soshin electric Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2Pole Coaxial Dielectric Filter (2-Pole type)
For Reference Only
Filters are designed to your required specifications.
Applications
Applications
Applications
Applications
Radio Link, P-MP, Satellite Communication, BTS
Dimensions
Characteristics (Typical)


Similar Part No. - 2POLE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
2POSTRMKITHD TRIPPLITE-2POSTRMKITHD Datasheet
477Kb / 2P
2-Post Rack-Mount Installation Kit of 3U and Larger
2POSTRMKITMB TRIPPLITE-2POSTRMKITMB Datasheet
81Kb / 2P
2-Post Rack-Mount Installation Kit for Select Tripp Lite SmartOnline UPS Systems
2POSTRMKITWM TRIPPLITE-2POSTRMKITWM Datasheet
479Kb / 2P
2-Post Rack-Mount or Wall-Mount Adapter Kit for select Rack-Mount UPS Systems
More results

Similar Description - 2POLE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFE1842BBU22 ETC-MFE1842BBU22 Datasheet
13Kb / 1P
Dielectric Filter with Attenuation Pole
logo
EPCOS
B69812N2457D501 EPCOS-B69812N2457D501 Datasheet
161Kb / 4P
2-Pole Filter for W-LAN
B69812N1477D340 EPCOS-B69812N1477D340 Datasheet
152Kb / 4P
2-Pole Filter for DAB
B69812N1477A540 EPCOS-B69812N1477A540 Datasheet
147Kb / 4P
2-Pole Filter for DAB
logo
Vanlong Technology Co.,...
LJE30B-A VANLONG-LJE30B-A Datasheet
40Kb / 1P
Dielectric Filter (PF Type)
logo
Tyco Electronics
T83S11D412-24 MACOM-T83S11D412-24 Datasheet
291Kb / 2P
2 POLE, HIGH DIELECTRIC POLARIZED PC BOARD RELAY
logo
Soshin electric Co., Lt...
3POLE SOSHIN-3POLE Datasheet
85Kb / 1P
Coaxial Dielectric Filter (3-Pole type)
4POLE SOSHIN-4POLE Datasheet
83Kb / 1P
Coaxial Dielectric Filter (4-Pole type)
5POLE SOSHIN-5POLE Datasheet
83Kb / 1P
Coaxial Dielectric Filter (5-Pole type)
6POLE SOSHIN-6POLE Datasheet
143Kb / 1P
Coaxial Dielectric Filter (6-Pole type)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com