Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM232-PLUS4 Datasheet(PDF) 14 Page - Future Technology Devices International Ltd.

Part # USB-COM232-PLUS4
Description  The USB-COM-Plus modules are a family of communication devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-COM232-PLUS4 Datasheet(HTML) 14 Page - Future Technology Devices International Ltd.

Back Button USB-COM232-PLUS4 Datasheet HTML 10Page - Future Technology Devices International Ltd. USB-COM232-PLUS4 Datasheet HTML 11Page - Future Technology Devices International Ltd. USB-COM232-PLUS4 Datasheet HTML 12Page - Future Technology Devices International Ltd. USB-COM232-PLUS4 Datasheet HTML 13Page - Future Technology Devices International Ltd. USB-COM232-PLUS4 Datasheet HTML 14Page - Future Technology Devices International Ltd. USB-COM232-PLUS4 Datasheet HTML 15Page - Future Technology Devices International Ltd. USB-COM232-PLUS4 Datasheet HTML 16Page - Future Technology Devices International Ltd. USB-COM232-PLUS4 Datasheet HTML 17Page - Future Technology Devices International Ltd. USB-COM232-PLUS4 Datasheet HTML 18Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Copyright © 2010 Future Technology Devices International Limited
13
Document Reference No.: FT_000148
USB-COM232-PLUS4 Datasheet
Version 1.2
Clearance No.: FTDI# 97
5 Mechanical Details
5.1 Module Mechanical Dimensions
Figure 5.1 - USB-COM232-PLUS4 PCB Dimensions
Dimensions are in mm. The height of the module is dominated by the 4 D-type connectors and stands
12.8mm +/- 1mm. The D-type pins protrude below the PCB by 2.54mm +/-1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com