Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEEFC1C2R2XP Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEEFC1C2R2XP
Description  Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFC1C2R2XP Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEEFC1C2R2XP Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S(85℃ 1000 to 2000 h)
Rated voltage
(V.DC)
Capacitance
(μF)
X
Product classification
3 figures
Series
2 figures
Voltage code
2 figures
Capacitance code
3 figures
Taping code
1 figure
Code
Series
Code
EEH
ZC
1E
101
◇ Hybrid
  
φD (mm)
Code
Code
X
Taping code
* Code
Code
EEE
FK
1E
101
◇ Standard
P
Size code
0 to 1 figur
φD x L (mm)
Code
P
EEV
◇ Special 1
P
A
Series
Taping code
EEE
1H
A
100
◇ Special 2
P
Size code
Series
Code
Series
Code
HA (105 ℃ 1000 h)
HB (105 ℃ 2000 h)
HC (105 ℃ 3000 to 5000 h)
HD (105 ℃ 5000 h)
FC (105 ℃ 1000 h)
FK (105 ℃ 2000 to 5000 h)
FKS (105 ℃ 2000 to 5000 h)
FT (105 ℃ 2000 to 5000 h)
FP (105 ℃ 2000 h)
TG (125 ℃ 1000 to 2000 h)
TK (125 ℃ 2000 to 3000 h)
TP (125 ℃ 2000 to 3000 h)
TC (125 ℃ 2000 to 3000 h)
TCU (125 ℃ 3000 h)
TQ (125 ℃ 2000 h)
EB (105 ℃ 3000 to 5000 h)
HA
HB
HC
HD
FC
FK
FK
FT
FP
TG
TK
TP
TC
TC
TQ
EB
HB(Bi-poler)
4
6.3
10
16
25
35
50
63
80
100
160
200
250
350
400
450
0G
0J *(J)
1A *(A)
1C *(C)
1E *(E)
1V *(V)
1H *(H)
1J
1K *(K)
2A
2C
2D
2E
2V
2G
2W
1
2.2
3.3
4.7
6.8
10
22
33
47
68
100
150
220
330
390
470
560
680
820
1000
1200
1500
1800
2200
3300
4700
6800
7500
010
2R2
3R3
4R7
6R8
100
220
330
470
680
101
151
221
331
391
471
561
681
821
102
122
152
182
222
332
472
682
752
4 to x 5.4 to
4 to 6.3 x 5.4(Miniaturization)
4 to(High temp.reflow)
4 to 6(Min.,High temp. reflow)
4 to x 5.8 to(Miniaturization)
4 to(Min.,High temp. reflow)
6.3 x 7.7
6.3 x 7.7(High temp.reflow)
FKS series : 6.3 x 7.7
S, HB series : 4 to 6.3 x 5.4 L
EB series : 12.5 to x 16.5 L
Bi-poler(Except : HB series)
FK, FT: 5000h
-
W
A
WA
U
UA
X
XA
XS
N
G
S
4, 5
6.3 to 10(x 10.2)
10(x 13.5) to x 12.5
16, 18
Vibration-proof
R
P
Q
M
**V
ZA (105 ℃ 10000 h)
ZC (125 ℃ 4000 h)
ZK (125 ℃ 4000 h)
ZE (145 ℃ 2000 h)
ZA
ZC
ZK
ZE
25
35
50
63
80
1E
1V
1H
1J
1K
10
22
27
33
47
56
68
100
150
220
270
330
470
100
220
270
330
470
560
680
101
151
221
271
331
471
6.3 x 7.7
X
5
6.3 ∼ 10
Vibration-proof
R
P
**V
(TG, EB series)
1 figure
A
(S series)
Note) * If part number exceeds 12 figures, voltage code is abbreviated as follows, 0J →J, 1A→A, 1C→C, 1E→E, 1V→V, 1H→H
   ** Vibration-proof product is available upon request.(Dia.8 mm and larger)
When requesting vibration-proof product,please put the last “V” instead to “P,Q,or M” .
Product classification
3 figures
Series
2 figures
Voltage code
1 to 2 figures
Capacitance code
3 figures
Size / Special code
φD (mm)
Code
φD x L (mm)
Code
0 to 2 figures
1 figure
Voltage code
2 figures
1 figure
Capacitance code
3 figures
1 to 2 figures
Rated voltage
(V.DC)
Capacitance
(μF)
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
Aluminum Electrolytic Capacitors
Explanation of part numbers
Part number system


Similar Part No. - EEEFC1C2R2XP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFC1C220AR PANASONIC-EEEFC1C220AR Datasheet
74Kb / 2P
Aluminum Electrolytic Capacitors/ FC
EEEFC1C220AR PANASONIC-EEEFC1C220AR Datasheet
74Kb / 2P
Aluminum Electrolytic Capacitors/ FC
EEEFC1C220AR PANASONIC-EEEFC1C220AR Datasheet
80Kb / 2P
Aluminum Electrolytic Capacitors/ FC
EEEFC1C220AR PANASONIC-EEEFC1C220AR Datasheet
61Kb / 2P
Aluminum Electrolytic Capacitors
EEEFC1C220R PANASONIC-EEEFC1C220R Datasheet
129Kb / 2P
Surface Mount Type
More results

Similar Description - EEEFC1C2R2XP

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
HHXA160ARA820MF61G NPC-HHXA160ARA820MF61G Datasheet
511Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
HHXA350ARA470 CHEMI-CON-HHXA350ARA470 Datasheet
451Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXB350ARA470 CHEMI-CON-HHXB350ARA470 Datasheet
352Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXC350ARA220 CHEMI-CON-HHXC350ARA220 Datasheet
418Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
GYA NICHICON-GYA Datasheet
1Mb / 1P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEHZK1E560UR PANASONIC-EEHZK1E560UR Datasheet
552Kb / 8P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
EEHAZA1E151B PANASONIC-EEHAZA1E151B Datasheet
669Kb / 9P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
ZSU PANASONIC-ZSU Datasheet
569Kb / 9P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
29-Jan-21
ZS-A PANASONIC-ZS-A Datasheet
572Kb / 9P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
30-Sep-20
ZKU-A PANASONIC-ZKU-A Datasheet
562Kb / 9P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
30-Sep-20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com