Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-TX08 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-TX08
Description  Medical & ITE ATX Based Application
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-TX08 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-TX08 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-TX08 Datasheet HTML 2Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
2-2
JUL. 2015
-Kevin-
Medical & ITE
ATX Based Application
Rated
86W
Max.
106W
Peak
130W
SNP-TX08
Output Specifications:
Note:
1. Output Load:
Rated 86W for convection cooling; max. 106W for forced air cooling.
2. Peak Load Duration:
Peak 130W can last for 8 sec. But minimum load on +3.3V and +5V are required.
MODEL
OUTPUT
LOAD
INITIAL
STEP EFFICIENCY
AVG. EFF. STATUS
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY @ 20% LOAD @ 50% LOAD @ 100% LOAD
+3.3V
0A
3.5A
8A 1Amin. +3.1V~+3.4V
+5V
0A
3.5A
8A 1Amin. +4.95V~+5.05V
SNP-TX08
+12V
0A
3.5A 5.5A
8A +11.5V~+12.5V
68%
79%
81%
76%
ready
-12V
0A
0.5A 0.5A 0.5A -11.5V~-12.5V
+5Vsb
0A
1A
1A
+4.85V~+5.15V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com