Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1021A Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # LS1021A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1021A Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button LS1021A Datasheet HTML 36Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 37Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 38Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 39Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 40Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 41Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 42Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 43Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
2-25
2.19
Audio port
The SAI (Synchronous Audio Interface) architecture is shown in Figure 2-19.
Figure 2-19. Audio port architecture
Though the LS1021A/LS1020A supports four full duplex Synchronous Audio Interface (SAI) ports up to
30 Mbps each, but only SAI1 is connected to Freescale SGTL5000-32QFN CODECs which drives
headphone for I2S, AC97, and Codec/DSP interfaces. Also, SAI1 is routed to HDMI transmitter to supply
audio output.
Table 2-17. LPUART1 configuration
Configuration
Signal
Controls
Value
Description
cfg_lpuart1_spi2
SW: SW3[6]
0
LPUART1 pins are selected.
1
SPI2 pins are selected.
REG: 0x0A
0
SPI2 pins are selected.
1
LPUART1 pins are selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com