Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1022A Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # LS1022A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1022A Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button LS1022A Datasheet HTML 63Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 64Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 65Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 66Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 67Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 68Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 69Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 70Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 71Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 70 / 71 page
background image
Board Configuration and Debug Support
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
5-5
5.3
CMSIS-DAP debug support
This section describes how to enable CMSIS dap debug support for your TWR-LS1021A board.
NOTE
The TWR-LS1021A 700-28040 board comes pre-programmed with
CMSIS-DAP firmware.
To enable the CMSIS-DAP debug support for TWR-LS1021A 700 revX3/X4 board, follow these steps:
1. Download the CMSIS-DAP firmware and documentation from
http://compass.freescale.net/livelink/livelink?func=ll&objId=232410365&objAction=browse&vi
ewType=1
2. Plug in power to the TWR-LS1021A 700 revX3/X4 board.
3. Hold down Reset button (SW1) while plugging the PC USB cable into the J5 USB connector on the
board.
4. On Windows, the board will be mapped as a Mass Storage Device under a volume labelled
BOOTLOADER
.
5. LED D2 will blink in green on the board to acknowledge it is in bootloader mode.
6. Copy the binary files downloaded in Step 1, into this new volume, BOOTLOADER.
7. When the binary files are finished copying, the LED D2 will start blinking with a higher rate.
8. Unplug the USB cable from the board, then plug it back to the power cycle module.
9. Set SW2[8] to OFF.
You are now ready to connect to your board through CodeWarrior for ARMv7.
NOTE
For Windows platform, you need to install mbed USB driver. For
configuration and installation of Windows serial port, follow the link below:
http://mbed.org/handbook/Windows-serial-configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com