Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP223 Datasheet(PDF) 4 Page - TT Electronics.

Part # TCP223
Description  1 KEY TOUCH PAD DETECTOR IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

TCP223 Datasheet(HTML) 4 Page - TT Electronics.

  TCP223 Datasheet HTML 1Page - TT Electronics. TCP223 Datasheet HTML 2Page - TT Electronics. TCP223 Datasheet HTML 3Page - TT Electronics. TCP223 Datasheet HTML 4Page - TT Electronics. TCP223 Datasheet HTML 5Page - TT Electronics. TCP223 Datasheet HTML 6Page - TT Electronics. TCP223 Datasheet HTML 7Page - TT Electronics. TCP223 Datasheet HTML 8Page - TT Electronics. TCP223 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Preliminary
TTP223
08’/04/07
Page 4 of 11
Ver :1.0
FUNCTION DESCRIPTION
1. Sensitivity adjustment
The total loading of electrode size and capacitance of connecting line on PCB can affect the
sensitivity. So the sensitivity adjustment must according to the practical application on PCB. The
TTP223 offers some methods for adjusting the sensitivity outside.
1-1 by the electrode size
Under other conditions are fixed. Using a larger electrode size can increase sensitivity. Otherwise it
can decrease sensitivity. But the electrode size must use in the effective scope.
1-2 by the panel thickness
Under other conditions are fixed. Using a thinner panel can increase sensitivity. Otherwise it can
decrease sensitivity. But the panel thickness must be below the maximum value.
1-3 by the value of Cs (please see the down figure)
Under other conditions are fixed. When do not use the Cs to VSS, the sensitivity is most sensitive.
When adding the values of Cs will reduce sensitivity in the useful range (0≦Cs≦50pF).
RST
SLRFTB
LPMB
MOTB
AHLB
TOG
OPDO
Q
ELECTRODE
Cs
I
VSS
VDD
VDD
2. Output mode
The TTP223 has direct mode active high or low by AHLB pad option. And has toggle mode by
TOG pad option. Another has open drain mode by bonding option. Pad Q is digital output, pad
OPDO is open drain output.
TOG
AHLB
Pad Q option features
Pad OPDO option features
0
0
Direct mode,
CMOS active high output
Direct mode,
Open drain active high output
0
1
Direct mode,
CMOS active low output
Direct mode,
Open drain active low output
1
0
Toggle mode,
Power on state=0
Toggle mode,
Power on state high-Z, Active high
1
1
Toggle mode,
Power on state=1
Toggle mode,
Power on state high-Z, Active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com