Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDS181 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDS181
Description  Ultra High Speed Switching Application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS181 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDS181 Datasheet HTML 1Page - First Silicon Co., Ltd FDS181 Datasheet HTML 2Page - First Silicon Co., Ltd FDS181 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fig.4 FORWARD CURRENT IF (mA)
Fig.3 REVERSE VOLTAGE VR (V)
0.3
1
3
10
30
100
0.1
0.3
1
3
10
30
25
-25
2.5
2.0
1.5
1.0
0.5
0
100
50
30
10
5
3
1
0.5
Fig.5 Reverse recovery time (trr) test circuit
0
INPUT
-6V
50ns
0 01
µF DUT
E
OUTPUT
OSCILLOSCOPE
(RIN=50Ω)
PULSE GENERATOR
(ROUT=50Ω)
Ta=25
C
Fig.5
f=1MHz
Ta=25
C
IF=10mA
0
IR
trr
0.1IR
OUTPUT WAVEFORM
Fig.2 REVERSE VOLTAGE VR(V)
0
20
40
60
80
75
50
25
10µ
1µ
100n
10n
1n
Ta=100
C
Electrical characteristic curves
2008. 1. 28
2/3
FDS181
Revision No : 0
Ta=100°C
Fig.1 FORWARD VOLTAGE : VF (V)
10µ
100µ
1m
10m
100m
1
0 2
0 4
0 6
0 8
1 0
1 2
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com