Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDS356 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS356
Description  Band Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS356 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS356 Datasheet HTML 1Page - First Silicon Co., Ltd FDS356 Datasheet HTML 2Page - First Silicon Co., Ltd FDS356 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SC-76 / SOD-323
USC
2
2
ANODE
1
CATHODE
1
2012. 02. 17
1/3
SEMICONDUCTOR
TECHNICAL DATA
FDS356
Revision No : 0
Band Switching Diode
Applications
High frequency switching
Features
1) Small surface mounting type.
2) High reliability.
Construction
Silicon epitaxial planar
Drivece Marking
FDS356 = B
3)
We declare that the material of product
compliance with RoHS requirements.
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Limits
Unit
DC reverse voltage
VR
35
V
DC forward current
IF
100
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-55~+125
°C
Electrical characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
–
–
1.0
V
IF=10mA
Reverse current
IR
–
–
10
nA
VR=25V
Capacitance between terminals
CT
–
–
1.2
pF
VR=6V, f =1MHz
Forward operating resistance
rF
–
–
0.9
Ω
IF=2mA, f =100MHz
Ordering Information
Device
Marking
Shipping
FDS356
B
3000/Tape&Reel


Similar Part No. - FDS356

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3512 FAIRCHILD-FDS3512 Datasheet
86Kb / 5P
80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570 Datasheet
250Kb / 8P
80V N-Channel PowerTrench??MOSFET
FDS3570 FAIRCHILD-FDS3570 Datasheet
83Kb / 5P
80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570 Datasheet
85Kb / 12P
Power Converter Topology and MOSFET Selection for 48-V Telecom
logo
TECH PUBLIC Electronics...
FDS3570-TP TECHPUBLIC-FDS3570-TP Datasheet
2Mb / 5P
N-Channel 100-V (D-S) MOSFET
More results

Similar Description - FDS356

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA892 PHILIPS-BA892 Datasheet
62Kb / 8P
Band-switching diode
1998 May 08
logo
Leshan Radio Company
BA892 LRC-BA892 Datasheet
91Kb / 2P
Band-switching diode
logo
Rohm
1SS390 ROHM-1SS390_1 Datasheet
1Mb / 4P
Band switching diode
logo
NXP Semiconductors
BA277 NXP-BA277 Datasheet
224Kb / 6P
Band-switching diode
Rev. 02-7 January 2008
logo
SEMTECH ELECTRONICS LTD...
1SS356WS SEMTECH_ELEC-1SS356WS Datasheet
207Kb / 3P
BAND SWITCHING DIODE
logo
Rohm
1SS356 ROHM-1SS356_11 Datasheet
257Kb / 4P
Band Switching Diode
logo
KODENSHI_AUK CORP.
SDP410D KODENSHI-SDP410D Datasheet
52Kb / 3P
Band switching Diode
SDP410Q KODENSHI-SDP410Q Datasheet
177Kb / 3P
Band switching Diode
logo
Leshan Radio Company
L1SS356T1G LRC-L1SS356T1G_15 Datasheet
67Kb / 3P
Band Switching Diode
logo
NXP Semiconductors
BA891_N_15 PHILIPS-BA891_N_15_15 Datasheet
243Kb / 6P
Band-switching diode
Rev. 04-8 January 2008
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com