Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDS360 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS360
Description  Monolithic Dual Switching Diode Common Anode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS360 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS360 Datasheet HTML 1Page - First Silicon Co., Ltd FDS360 Datasheet HTML 2Page - First Silicon Co., Ltd FDS360 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2016. 1. 28
1/3
SEMICONDUCTOR
TECHNICAL DATA
FDS360
Revision No : 0
FDS360 = A3
Monolithic Dual Switching Diode Common Anode
3
1
CATHODE
2
CATHODE
Device
Package
Shipping
FDS360
SOT-523
3000 Tape & Reel
ORDERING INFORMATION
SOT-523
1
2
3
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
R
80
Vdc
I
t
n
e
r
r
u
C
d
r
a
w
r
o
F
F
200
mAdc
Peak Forward Surge Current
IFM(surge)
2
Adc
THERMAL CHARACTERISTICS
DEVICE MARKING
ELECTRICAL CHARACTERISTICS (TA= 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Ma x
Unit
OFF CHARACTERISTICS
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
R
(BR)
80
–
Vdc
(I (BR) = 100
µAdc)
I
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
g
a
t
l
o
V
e
s
r
e
v
e
R
R
µAdc
(V R = 80 Vdc)
–
0.5
C
e
c
n
a
t
i
c
a
p
a
C
e
d
o
i
D
D
–
4.0
pF
(V R = 0, f = 1.0 MHz)
V
e
g
a
t
l
o
V
d
r
a
w
r
o
F
F
mVdc
(I F = 1.0 mAdc)
–
750
(I F = 10 mAdc)
–
900
(I F = 100 mAdc)
–
1200
t
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
rr
–
4.0
ns
(IF= IR= 10 mAdc, IR(REC)= 1.0 mAdc) (Figure 1) RL= 100Ω
1. FR-5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
a
M
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
x
Unit
Total Device Dissipation FR– 4 Board, (1)
PD
150
mW
TA = 25°C
2
.
1
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
833
°C/W
P
n
o
i
t
a
p
i
s
s
i
D
e
c
i
v
e
D
l
a
t
o
T
D
200
mW
FR-4 Board(2), Ta= 25°C
6
.
1
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
600
°C/W
Junction and Storage Temperature
TJ , Tstg
–55 to +150
°C
(V R = 30 Vdc)
–
0.1
We declare that the material of product compliance with
RoHS requirements.
FEATURES


Similar Part No. - FDS360

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3601 FAIRCHILD-FDS3601 Datasheet
89Kb / 5P
100V Dual N-Channel PowerTrench MOSFET
More results

Similar Description - FDS360

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAW56LT1 MOTOROLA-BAW56LT1 Datasheet
82Kb / 4P
Monolithic Dual Switching Diode Common Anode
logo
Leshan Radio Company
BAW56LT1 LRC-BAW56LT1 Datasheet
54Kb / 2P
Monolithic Dual Switching Diode Common Anode
LBAW56LT1 LRC-LBAW56LT1 Datasheet
74Kb / 3P
Monolithic Dual Switching Diode Common Anode
logo
ON Semiconductor
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
124Kb / 4P
Dual Switching Diode, Common Anode
October, 2010 -- Rev. 6
SBAW56LT1G ONSEMI-SBAW56LT1G Datasheet
121Kb / 4P
Dual Switching Diode Common Anode
September, 2012 ??Rev. 8
logo
Leshan Radio Company
L1SS360TT1G LRC-L1SS360TT1G_15 Datasheet
131Kb / 3P
Monolithic Dual Switching Diode Common Anode
logo
Yea Shin Technology Co....
BAW56 YEASHIN-BAW56 Datasheet
656Kb / 3P
Monolithic Dual Switching Diode Common Anode
BAW56-A YEASHIN-BAW56-A Datasheet
672Kb / 3P
Monolithic Dual Switching Diode Common Anode
logo
ON Semiconductor
BAW56L ONSEMI-BAW56L Datasheet
94Kb / 4P
Dual Switching Diode Common Anode
October, 2016 ??Rev. 10
logo
AiT Semiconductor Inc.
BAW56L AITSEMI-BAW56L Datasheet
540Kb / 6P
SWITCHING DIODES MONOLITHIC DUAL COMMON ANODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com