Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDS7000 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDS7000
Description  Dual Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS7000 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDS7000 Datasheet HTML 1Page - First Silicon Co., Ltd FDS7000 Datasheet HTML 2Page - First Silicon Co., Ltd FDS7000 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes: 1. A 2.0 kΩ variable resistor adjusted for a Forward Current (I
F ) of 10mA.
2. Input pulse is adjusted so I
R(peak) is equal to 10mA.
3. t
p » t rr
Figure 1. Recovery Time Equivalent Test Circuit
+10 V
2.0 k
820 Ω
100 µH
0.1µF
DUT
0.1 µF
50 Ω OUTPUT
PULSE
GENERATOR
t
r
50 Ω INPUT
SAMPLING
OSCILLOSCOPE
t
p
t
10%
90%
I
F
I
R
t
rr
t
i
R(REC) = 1.0 mA
OUTPUT PULSE
(I
F = I R = 10 mA; MEASURED
at i
R(REC)
= 1.0 mA)
INPUTSIGNAL
I
F
V
R
10
1 0
0.1
0 01
0 001
0
10
20
30
40
50
100
10
1.0
0.1
0 2
0.4
0 6
0 8
1.0
1 2
V R , REVERSE VOLTAGE (VOLTS)
Figure 3. Leakage Current
V F , FORWARD VOLTAGE (VOLTS)
Figure 2. Forward Voltage
T A= –40°C
TA = 85°C
T A = 25°C
T A =125°C
T A =150°C
T A =85°C
T A =55°C
T A =25°C
0 68
0 64
0 60
0 56
0 52
0
2 0
4 0
6 0
8 0
V R , REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
CURVES APPLICABLE TO EACH CATHODE
FDS7000
2010. 09. 27
2/3
Revision No : 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com