Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDZ2.0E Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FDZ2.0E
Description  Zener Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDZ2.0E Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FDZ2.0E Datasheet HTML 1Page - First Silicon Co., Ltd FDZ2.0E Datasheet HTML 2Page - First Silicon Co., Ltd FDZ2.0E Datasheet HTML 3Page - First Silicon Co., Ltd FDZ2.0E Datasheet HTML 4Page - First Silicon Co., Ltd FDZ2.0E Datasheet HTML 5Page - First Silicon Co., Ltd FDZ2.0E Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2014. 4. 23
3/6
Revision No : 0
FDZ2.0E ~ FDZ75E
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA for all types)
Zener Voltage (Note 1)
Zener Impedance
Leakage Current
VZ
C
Device
VZ (Volts)
@ IZT
ZZT
@ IZT
ZZK @ IZK
IR @ VR
VZ
(mV/k)
@ IZT
C
@ VR = 0
f = 1 MHz
Device
Marking
Min
Nom
Max
mA
mA
A
Volts
Min
Max
pF
00
2.2
2.4
2.6
5
100
1000
1.0
50
1.0
−3.5
0
450
01
2.5
2.7
2.9
5
100
1000
1.0
20
1.0
−3.5
0
450
02
2.8
3.0
3.2
5
100
1000
1.0
10
1.0
−3.5
0
450
05
3.1
3.3
3.5
5
95
1000
1.0
5
1.0
−3.5
0
450
06
3.4
3.6
3.8
5
90
1000
1.0
5
1.0
−3.5
0
450
07
3.7
3.9
4.1
5
90
1000
1.0
3
1.0
−3.5
−2.5
450
08
4.0
4.3
4.6
5
90
1000
1.0
3
1.0
−3.5
0
450
09
4.4
4.7
5.0
5
80
800
1.0
3
2.0
−3.5
0.2
260
0A
4.8
5.1
5.4
5
60
500
1.0
2
2.0
−2.7
1.2
225
0C
5.2
5.6
6.0
5
40
400
1.0
1
2.0
−2.0
2.5
200
0E
5.8
6.2
6.6
5
10
100
1.0
3
4.0
0.4
3.7
185
0F
6.4
6.8
7.2
5
15
160
1.0
2
4.0
1.2
4.5
155
0G
7.0
7.5
7.9
5
15
160
1.0
1
5.0
2.5
5.3
140
0H
7.7
8.2
8.7
5
15
160
1.0
0.7
5.0
3.2
6.2
135
FDZ9.1E
0K
8.5
9.1
9.6
5
15
160
1.0
0.2
7.0
3.8
7.0
130
0L
9.4
10
10.6
5
20
160
1.0
0.1
8.0
4.5
8.0
130
0M
10.4
11
11.6
5
20
160
1.0
0.1
8.0
5.4
9.0
130
0N
11.4
12
12.7
5
25
80
1.0
0.1
8.0
6.0
10
130
0P
12.4
13.25
14.1
5
30
80
1.0
0.1
8.0
7.0
11
120
0T
14.3
15
15.8
5
30
200
1.0
0.05
10.5
9.2
13
110
0U
15.3
16.2
17.1
2
40
200
1.0
0.05
11.2
10.4
14
105
0W
16.8
18
19.1
2
45
225
1.0
0.05
12.6
12.4
16
100
0Z
18.8
20
21.2
2
55
225
1.0
0.05
14.0
14.4
18
85
10
20.8
22
23.3
2
55
250
1.0
0.05
15.4
16.4
20
85
11
22.8
24.2
25.6
2
70
120
1.0
0.05
16.8
18.4
22
80
12
25.1
27
28.9
2
80
300
1.0
0.05
18.9
21.4
25.3
70
14
28
30
32
2
80
300
1.0
0.05
21.0
24.4
29.4
70
18
31
33
35
2
80
300
1.0
0.05
23.2
27.4
33.4
70
19
34
36
38
2
90
500
1.0
0.05
25.2
30.4
37.4
70
20
37
39
41
2
130
500
1.0
0.05
27.3
33.4
41.2
45
21
40
43
46
1
150
500
1.0
0.05
30.1
37.6
46.6
40
1A
44
47
50
1
170
500
1.0
0.05
32.9
42.0
51.8
40
1C
48
51
54
1
180
500
1.0
0.05
35.7
46.6
57.2
40
1D
52
56
60
1
200
500
1.0
0.05
39.2
52.2
63.8
40
1E
58
62
66
1
215
500
1.0
0.05
43.4
58.8
71.6
35
1F
64
68
72
1
240
500
1.0
0.05
47.6
65.6
79.8
35
1G
70
75
79
1
255
500
1.0
0.05
52.5
73.4
88.6
35
1. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C.
FDZ2.0E
WY
1.91
2.0
2.09
5
100
600
1.0
150
1.0
–3.5
0
450
FDZ2.4E
FDZ2.7E
FDZ3.0E
FDZ3.3E
FDZ3.6E
FDZ3.9E
FDZ4.3E
FDZ4.7E
FDZ5.1E
FDZ5.6E
FDZ6.2E
FDZ6.8E
FDZ7.5E
FDZ8.2E
FDZ10E
FDZ11E
FDZ12E
FDZ13E
FDZ15E
FDZ16E
FDZ18E
FDZ20E
FDZ22E
FDZ24E
FDZ27E
FDZ30E
FDZ33E
FDZ36E
FDZ39E
FDZ43E
FDZ47E
FDZ51E
FDZ56E
FDZ62E
FDZ68E
FDZ75E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com