Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDZ2.4 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDZ2.4
Description  Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDZ2.4 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDZ2.4 Datasheet HTML 1Page - First Silicon Co., Ltd FDZ2.4 Datasheet HTML 2Page - First Silicon Co., Ltd FDZ2.4 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOD-323 / SC-76
USC
2
2
ANODE
1
CATHODE
Power dissipation
200
Junction temperature
125
Storage temperature
– 55 ~ +150
Operating temperature
– 55 ~ +150
Zener Diode
200mW SOD-323 Surface Mount
• Features
1) Non-wire bonding structure improves
2) High demand voltage range (2.4V-75V)
3) Nominal Voltage Tolerance About ±5%
1
Device Marking and Ordering Information
•
Device
Package
Shipping
3000/Tape&Reel
FDZ**
SOD-323
Symbol
Parameter
2008. 2. 22
1/3
SEMICONDUCTOR
TECHNICAL DATA
FDZ2.4~FDZ75
ZENER DIODE
Revision No : 0
Limit
Unit
P
TJ
Tstg
Topr
C
C
mW
C
* See specific marking table.
ABSOLUTE MAXIMUM RATINGS (Ta = 25 C)
•
4) ESD Rating of Class 3 (>16kV) per Human Body Model
5) This is a Pb-Free device
6) We declare that the material of product
compliance with RoHS requirements


Similar Part No. - FDZ2.4

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDZ2.4E FS-FDZ2.4E Datasheet
405Kb / 6P
Zener Voltage Regulators
FDZ2.4F FS-FDZ2.4F Datasheet
415Kb / 4P
Zener Voltage Regulators
FDZ2.4SOD723 FS-FDZ2.4SOD723 Datasheet
603Kb / 5P
ZENER DIODE
More results

Similar Description - FDZ2.4

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZ68B ROHM-PTZ68B Datasheet
773Kb / 5P
Zener diode
logo
AUK corp
SDZ5V6D AUK-SDZ5V6D Datasheet
33Kb / 3P
Zener Diode
logo
Diodes Incorporated
KDZ3.6B DIODES-KDZ3.6B Datasheet
128Kb / 5P
Zener diode
logo
Rohm
KDZ5.1B ROHM-KDZ5.1B Datasheet
134Kb / 5P
Zener diode
KDZ6.2B ROHM-KDZ6.2B Datasheet
134Kb / 5P
Zener diode
UMZ8.2N ROHM-UMZ8.2N_1 Datasheet
187Kb / 3P
Zener diode
logo
AUK corp
SDZ5V1 AUK-SDZ5V1 Datasheet
40Kb / 3P
Zener Diode
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
1 Watt Zener Diode Zener Diode
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com