Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFB2222AD Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FFB2222AD
Description  Dual General Purpose Switching Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FFB2222AD Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FFB2222AD Datasheet HTML 1Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 2Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 3Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 4Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 5Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 6Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2014. 03. 10
2/7
FFB2222AD
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = 10 mAdc, IB= 0)
V(BR)CEO
40
–
Vdc
Collector – Base Breakdown Voltage
(IC = 10 Adc, IE= 0)
V(BR)CBO
75
–
Vdc
Emitter – Base Breakdown Voltage
(IE = 10 Adc, IC = 0)
V(BR)EBO
6.0
–
Vdc
Collector Cutoff Current
(VCE = 60 Vdc, VEB(off) = 3.0 Vdc)
ICEX
–
10
nAdc
Collector Cutoff Current
(VCB = 60 Vdc, IE= 0)
(VCB = 60 Vdc, IE= 0, TA= 125 ℃)
ICBO
–
–
0.01
10
Adc
Emitter Cutoff Current
(VEB = 3.0 Vdc, I C= 0)
IEBO
–
100
nAdc
Base Cutoff Current
(VCE = 60 Vdc, VEB(off) = 3.0 Vdc)
IBL
–
20
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 0.1 mAdc, VCE = 10 Vdc)
(IC = 1.0 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc, TA = –55°C)
(IC = 150 mAdc, VCE = 10 Vdc) (Note 2)
(IC = 150 mAdc, VCE = 1.0 Vdc) (Note 2)
(IC = 500 mAdc, VCE = 10 Vdc) (Note 2)
hFE
35
50
75
35
100
50
40
–
–
–
–
300
–
–
–
Collector – Emitter Saturation Voltage (Note 2)
(IC = 150 mAdc, IB= 15 mAdc)
(IC = 500 mAdc, IB= 50 mAdc)
VCE(sat)
–
–
0.3
1.0
Vdc
Base–Emitter Saturation Voltage (Note 2)
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VBE(sat)
0.6
–
1.2
2.0
Vdc
2. Pulse Test: Pulse Width≤ 300us, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com