Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABV2005QC Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABV2005QC
Description  Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABV2005QC Datasheet(HTML) 2 Page - Abracon Corporation

  ABV2005QC Datasheet HTML 1Page - Abracon Corporation ABV2005QC Datasheet HTML 2Page - Abracon Corporation ABV2005QC Datasheet HTML 3Page - Abracon Corporation ABV2005QC Datasheet HTML 4Page - Abracon Corporation ABV2005QC Datasheet HTML 5Page - Abracon Corporation ABV2005QC Datasheet HTML 6Page - Abracon Corporation ABV2005QC Datasheet HTML 7Page - Abracon Corporation ABV2005QC Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABV2005/-06/-07/-08/-09
Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 2
PIN DESCRIPTIONS
Name
TSSOP*
Pin number
3x3mm QFN*
Pin number
Type
Description
XIN
2
13
I
Crystal in connector.
XOUT
3
14
I
Crystal out connector.
OE
6
16
I
Output enable pin.
VCON
7
1
I
Frequency control input (0.3V to 3.0V)
GND
8,9, 10, 14
2,3,4,8,12
P
Ground (except pin 12 on ABV2006: DRIVSEL see below).
DRIVSEL**
-
12
I
ABV2006 only: Drive Select Input. This pin has an internal
pull-up that will default DRIVSEL to ‘1’ when not connect to
GND. CMOS output of ABV2006 will be high drive CMOS
when DRIVSEL is set to ‘0’, and will be standard CMOS
otherwise.
CLKT
11
5
O
True output PECL (ABV2008) or LVDS (ABV2009)
(N/C for ABV2007)
CLKC
13
7
O
Complementary output PECL (ABV2008) or LVDS
(ABV2009)
(CMOS out for ABV2007).
SEL0
16
10
I
SEL1
15
9
I
SEL2
5
15
I
SEL3
4
Not available
I
Multiplier selector pins. These pins have an internal pull-up
that will default SEL to ‘1’ when not connected to GND.
VDD
1, 12
6,11
P
+3.3V power supply.
* Note: ABV2006 only available in 3x3mm QFN, ABV2007 only available in TSSOP.
** Note: DRIVSEL on pin 12 on ABV2006 only.
FREQUENCY SELECTION TABLE
SEL3*
SEL2
SEL1
SEL0
Selected Multiplier
0*
0
1
1
Fin x 8 (ABV2009 in TSSOP only)
1*
0
1
1
Fin x 4
1*
1
1
0
Fin x 2
1*
1
1
1
No multiplication
Note *: SEL3 is not available (always “1”) in 3x3mm package
All pins have internal pull-ups (default value is 1). Connect to GND to set to 0.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com