Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2229 Datasheet(PDF) 19 Page - SMSC Corporation

Part # USB2229
Description  5TH GENERATION HI-SPEED USB FLASH MEDIA & IrDA CONTROLLER WITH INTEGRATED CARD POWER FETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2229 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button USB2229 Datasheet HTML 15Page - SMSC Corporation USB2229 Datasheet HTML 16Page - SMSC Corporation USB2229 Datasheet HTML 17Page - SMSC Corporation USB2229 Datasheet HTML 18Page - SMSC Corporation USB2229 Datasheet HTML 19Page - SMSC Corporation USB2229 Datasheet HTML 20Page - SMSC Corporation USB2229 Datasheet HTML 21Page - SMSC Corporation USB2229 Datasheet HTML 22Page - SMSC Corporation USB2229 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
5th Generation Hi-Speed USB Flash Media & IrDA Controller with Integrated Card Power FETs
Datasheet
SMSC USB2229/USB2230
19
Revision 1.2 (02-21-05)
DATASHEET
GPIO6, ROMEN,
Memory Address 16
GPIO6/ROMEN
/MA16
IPU
This pin has an internal weak pull-up resistor that is
enabled or disabled by the state of nRESET.
The pull-up is enabled when nRESET is active.
The pull-up is disabled, when the nRESET is inactive
(some clock cycles later, after the rising edge of
nRESET).
The state of this pin is latched internally on the rising
edge of nRESET to determine if internal or external
program memory is used.
The state latched is stored in ROMEN bit of GPIO_IN1
register.
I/O8
After the rising edge of nRESET, this pin may be used
as GPIO6 or RXD.
When pulled low via an external weak pull-down
resistor, an external program memory should be
connected to the memory data bus. The
USB2229/USB2230 uses this external bus for program
execution.
When this pin is left unconnected or pulled high by a
weak pull-up resistor, the USB2229/USB2230 uses the
internal ROM for program execution.
I/O8
For Bank Switching support, MA16 addresses the
external 128k memory above the standard 64k range
(the upper 64k is mapped into the 64k addressable
ROM space)
General Purpose
I/O
GPIO7
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
General Purpose
I/O
Or
Card Power
GPIO8/
CRD_PWR0
I/O8
GPIO: This pin may be used either as input, edge
sensitive interrupt input, or output.
CRD_PWR: Card Power drive of 3.3V @ 100mA.
General Purpose
I/O
GPIO9
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
General Purpose
I/O
Or
Card Power
GPIO10/
CRD_PWR1
I/O8
GPIO: This pin may be used either as input, edge
sensitive interrupt input, or output.
CRD_PWR: Card Power drive of 3.3V @ 100mA.
General Purpose
I/O
Or
Card Power
GPIO11/
CRD_PWR2
I/O8
GPIO: This pin may be used either as input, edge
sensitive interrupt input, or output.
CRD_PWR: Card Power drive of 3.3V @ 200mA.
General Purpose
I/O
GPIO12
I/O8
These pins may be used either as input, or output.
RESET input
nRESET
IS
This active low signal is used by the system to reset the
chip. The active low pulse should be at least 1
µs wide.
TEST Input
nTEST[1:0]
I
These signals are used for testing the chip. User should
normally tie them high externally, if the test function is
not used.
Table 6.1 USB2229/USB2230 Pin Descriptions
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com