Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D12-AX25 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # D12-AX25
Description  Industrial PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

D12-AX25 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  D12-AX25 Datasheet HTML 1Page - Skynet Electronic Copyright D12-AX25 Datasheet HTML 2Page - Skynet Electronic Copyright D12-AX25 Datasheet HTML 3Page - Skynet Electronic Copyright D12-AX25 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
Industrial PC
-Clark-
DC to DC, 250W
D12-AX25
4-2
JUL. 2014
MODEL
INPUT
OUTPUT
LOAD
VOLTAGE
RIPPLE LINE LOAD EFFICIENCY
NO.
VOLTAGE
RAIL
MIN. RATED MAX.
PEAK
ACCURACY
NOISE REG. REG. TYPICAL
Output Specifications:
Notes:
1. Each output can provide up to max. load temporarily. Continuous staying in more than rated load is not allowed.
2. Atfactory,alloutputsin60%ratedloadcondition,eachoutputischeckedtobewithintheaccuracyrange.
3. Lineregulationisdefinedbychanging±10%ofinputvoltagefromnominallineatratedload.
4. Loadregulationisdefinedbychanging±40%ofmeasuredoutputloadfrom60%ratedloadatanotheroutputsetto60%ratedload.
5. Ripple&noiseismeasuredbyusing15MHzbandwidthlimitedoscilloscopeandterminatedeachoutputwitha0.47µFcapacitoratrated
load and nominal line.
6. Efficiencyismeasuredatratedloadandnominalline.
+5V
2A
25A 30A
+4.80V~+5.20V 50mV ±1% ±5%
+12V
0.1A
8A
+11.40V~+12.60V 100mV ±1% ±5%
D12-AX25 +12VDC
-12V
0A
1A
-11.40V~-12.60V 100mV ±1% ±2%
65%
-5V
0A
0.5A
-4.75V~-5.25V 100mV ±1% ±3%
+3.3V
0A
8A 22A
+3.13V~+3.47V 50mV ±1% ±3%
+5Vsb
0A 0.72A
+4.75V~+5.25V 50mV ±1% ±1%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com