Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-A047 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-A047
Description  Switching Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-A047 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-A047 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-A047 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-A047 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-A047 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Switching Adapter
** This data sheet is only for models selection. For business, engineering specification by model must be used.
4-2
NOV. 2016
-Jim-
Rated
40W
SNP-A04 Series
Output Specifications:
Note:
1. Output can provide up to peak load when the power supply starts up. Continuous staying in more than rated load is not allowed.
2. At factory, in 60% rated load condition, each output is checked to be within voltage accuracy.
3. Line regulation is defined by changing ±10% of input voltage from nominal line at rated load.
4. Load regulation is defined by changing ±40% of measured output load from 60% rated load.
5. Ripple & noise is measured by using 15MHz bandwidth limited oscilloscope and terminated each output with a 0.47uFcapacitor at rated load and nomi-
nal line.
6. Hold up time is measured from the end of the last charging pulse to the time which the main output drops down to low limit of main output at rated load
and nominal line.
7. Efficiency is measured at rated load, and nominal line.
8. Model Selection:
SNP-A04x is for Class II, ITE application.
SNP-A04x-3 is for Class I, ITE application.
SNP-A046
+5V
0A
6A
9A
+4.75V~+4.25V
50mVpp
±1%
±5%
SNP-A046-3
SNP-A04C
+9V
0A 4.5A
6.7A
+8.55V~+9.45V
150mVpp
±1%
±5%
SNP-A04C-3
SNP-A047
+12V
0A 3.7A
5.6A +11.40V~+12.60V
100mVpp
±1%
±3%
SNP-A047-3
SNP-A048
+15V
0A
3A
4.5A +14.25V~+15.75V
100mVpp
±1%
±2%
SNP-A048-3
SNP-A049
+24V
0A 1.9A
2.9A +22.80V~+25.20V
200mVpp
±1%
±1%
SNP-A049-3
SNP-A04T
+48V
0A
1A
1.5A +45.60V~+50.40V
400mVpp
±1%
±1%
SNP-A04T-3
MODEL
OUTPUT
LOAD
VOLTAGE
RIPPLE
LINE
LOAD
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
NOISE
REG.
REG.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com