Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-A157 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-A157
Description  Switching Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-A157 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-A157 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-A157 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-A157 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-A157 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
Switching Adapter
4-2
NOV. 2016
Rated
150W
SNP-A15 Series
-Jim-
Output Specifications:
Note:
1. At peak load, the output can last for 10 seconds without shut down.
2. At factory, in 60% rated load condition, each output is checked to be within voltage accuracy.
3. Line regulation is defined by changing ±10% of input voltage from nominal line at rated load.
4. Load regulation is defined by changing ±40% of measured output load from 60% rated load.
5. Ripple & noise is measured by using 20MHz bandwidth limited oscilloscope and terminated each output with a 0.47uF + 47uF capacitor at rated load
and nominal line.
6. Hold up time is measured from the end of the last charging pulse to the time which the main output drops down to low limit of main output at rated load
and nominal line.
7. Efficiency is measured at rated load, and nominal line.
8. Model Selection:
SNP-A15x is for ITE application.
SNP-A15x-M is for medical application.
SNP-A157
+12V
0A 11.25A
14A +11.40V~+12.60V 100mVpp ±0.5% ±3%
87%
SNP-A157-M
SNP-A158
+15V
0A
9.3A
12.1A +14.25V~+15.75V 100mVpp ±0.5% ±3%
87%
SNP-A158-M
SNP-A155
+18V
0A
7.8A
10.1A +17.1V~+18.9V 100mVpp ±0.5% 3%
87%
SNP-A155-M
SNP-A159
+24V
0A
6A
7.2A +22.80V~+25.20V 100mVpp ±0.5% ±3%
87%
SNP-A159-M
SNP-A15T
+48V
0A
3A
N.A. +45.60V~+50.40V 200mVpp ±0.5% ±3%
87%
SNP-A15T-M
MODEL
OUTPUT
LOAD
VOLTAGE
RIPPLE
LINE LOAD EFFICIENCY
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
NOISE
REG. REG.
TYPICAL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com