Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-AF6 Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-AF6
Description  Medical & ITE Switching Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-AF6 Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-AF6 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-AF6 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-AF6 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-AF6 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4-1
** This data sheet is only for models selection. For business, engineering specification by model must be used.
-Jim-
Rated
60W
Peak
90W
SNP-AF6 Series
Medical & ITE
Switching Adapter
DEC 2017
Input voltage ......................................... 90 VAC to 264 VAC
Input frequency ............................................. 47 Hz to 63 Hz
Inrush current ............................................< 80A at 230VAC
Average efficiency ............ > 89% at 25%, 50%, 75%, 100%
of rated load and 115Vac/230Vac input
No-load input power ................................................< 0.15W
Hold up time ......................................................16ms typical
Over load/Short citcuit protection ................... auto recovery
Over voltage protection ............................................ latch of
Operating temperature ..................................... -20oC to 60oC
derating: 2.5% / oC > 40oC
Storage temperature ......................................-20oC to +85oC
EMI .................................................................FCC class "B"
CISPR 22 level "B"
Harmonics............................................EN61000-3-2, class A
EMS...................................... EN61000-4-2,-3,-4,-5,-6,-8,-11
Safety ............................................. UL60601-1, UL60950-1
CSA C22.2 No. 60950-1(cUL)
TUV EN60601-1, EN60950-1
Energy Saving ........................................ EC Code of Conduct
for EPS Version (Tier 2)
General Specifications:
Mechanical Specifications:
Features:
Notes:
1. Size:
65 x 135 x 40 (mm)
2. Output Connectors:
3. Input Socket:
4. Cable length is 1.5m approx.
5. Power ON indication LED is on top of Box.
6. Box Color is Black.
7. This product is RoHS compliant.
8. Packing:
Net weight: N.A. g approx. / unit
Gross weight: N.A. kg approx. / carton, 40 units / carton
Carton size (mm): 501 (L) x 426 (W) x 307 (H) (mm)
C8
(Class II)
10 years Warranty (contact Skynet's Distributors for details)
65 x 135 x 40 (mm)
135.0 (5.31")
65.0 (2.56")
40.0
(1.58")
●
Peak load (1.3 ~ 1.5 x rated current, Vo=rated for 5 sec)
●
Design for BF application
●
DoE Level VI Eco-design
●
With ITE and Medical safety
●
Safety class I / II and EMI class B
●
-20oC to +60oC operating temperature
●
5,000m operation altitude
Applications:
●
For DoE EPS level VI energy saving application, such
as electronics and office equipment.
●
For EMI class B application, such as home healthcare
device, monitors and other medical devices.
●
For peak load application, such as motor drive, coffee
machine, vending machine, gaming machine, monitors
and other industrials.


Similar Part No. - SNP-AF6

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-AF4 SKYNET-SNP-AF4 Datasheet
205Kb / 2P
Medical & ITE Switching Adapter
SNP-AF47 SKYNET-SNP-AF47 Datasheet
205Kb / 2P
Medical & ITE Switching Adapter
SNP-AF49 SKYNET-SNP-AF49 Datasheet
205Kb / 2P
Medical & ITE Switching Adapter
SNP-AF8 SKYNET-SNP-AF8 Datasheet
602Kb / 4P
Medical & ITE Switching Adapter
SNP-AF87-3 SKYNET-SNP-AF87-3 Datasheet
602Kb / 4P
Medical & ITE Switching Adapter
More results

Similar Description - SNP-AF6

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
107Kb / 2P
100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
100 Watts Medical & ITE Switching Power Supplies
logo
Arch Electronics Corp.
MQF240E ARCH-MQF240E_18 Datasheet
313Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF240O ARCH-MQF240O_18 Datasheet
344Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF240U ARCH-MQF240U_18 Datasheet
386Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500E ARCH-MQF500E_18 Datasheet
294Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500O ARCH-MQF500O_18 Datasheet
332Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500U ARCH-MQF500U_18 Datasheet
335Kb / 5P
AC-DC ITE & Medical Switching Power Supply
logo
Skynet Electronic Copyr...
SNP-AF4 SKYNET-SNP-AF4 Datasheet
205Kb / 2P
Medical & ITE Switching Adapter
SNP-AF8 SKYNET-SNP-AF8 Datasheet
602Kb / 4P
Medical & ITE Switching Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com