Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-C049 Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-C049
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-C049 Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-C049 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-C049 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-C049 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-C049 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4-1
** This data sheet is only for model selection. For business, engineering specification by model must be used.
AUG. 2014
-Eric-
Rated
40W
Peak
60W
SNP-C04 Series
General Purpose
Notes:
1. Size:
3.23" x 3.9" x 1.42"
2. Connectors
AC input & DC output : Terminal Blocks, 8.25mm interval
3. Output Pin assignment:
4. Packing:
Net weight: 315 g approx. / unit
Gross weight: 15.6 kg approx. / carton, 40 units / carton
Carton size (mm): 463 (L) x 316 (W) x 287 (H)
General Specifications:
Input voltage ...........................................85VAC to 264VAC
Input frequency................................................ 47Hz to 63Hz
Inrush current ............................................< 30A at 115VAC
(cold start at 25oC)
or < 60A at 230VAC
Efficiency .............................. 77%~86% depends on models
at rated load and 115VAC
Hold up time ..................................................... 16ms typical
at rated load and 115VAC
Over load protection ........................................ auto recovery
Short circuit protection .................................... auto recovery
Mechanical Specifications:
Over voltage protection ........................................... latch off
Operating temperature ................... -20oC to 70oC convection
derating: 2.5% / oC > 50oC
Cooling ................................................... free air convection
Storage temperature ...................................... -40oC to +75oC
EMI .......................................................................... FCC "B"
EN55022"B", EN55011"B"
EMS ...................................... EN61000-4-2,-3,-4,-5,-6,-8,-11
Safety .................................................................. UL 60950-1
CSA C22.2 No. 60950-1
EN 60950-1
SNP-C043
Features:
●
With ITE safety
●
Only 1.42 inch height
●
With power on LED
●
With output adjustable trimmer
●
Efficiency between 77% to 86%
●
Operation from -20oC to 70oC by convection
Applications:
●
For machinery.
●
For industrial equipment.
10 years Warranty (contact Skynet's Distributors for details)
PIN NO.
1
2
3
4
5
6
SNP-C04B AC/L AC/N Earth GND +3.3V
SNP-C046 AC/L AC/N Earth GND
+5V
SNP-C047 AC/L AC/N Earth GND +12V
SNP-C048 AC/L AC/N Earth GND +15V
SNP-C049 AC/L AC/N Earth GND +24V
SNP-C04T AC/L AC/N Earth GND +48V
SNP-C043 AC/L AC/N Earth +12V GND
+5V
SNP-C04A AC/L AC/N Earth +24V GND
+5V
3.23" x 3.9" x 1.42"
74.0
Screw protrusion
customer system
Mounting screw
Chassis
3.5 max.
Bottom view
28.0
18.0
87.0
28.0
17.5
6.5
1
5
7.3
40.0
55.0
5.0
5.0
88.5
40.5
20.5
o3.5
o3.5
99.0(3.9")
82.0
(3.23")
36.0
(1.42")
Mounting Holes


Similar Part No. - SNP-C049

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-C06 SKYNET-SNP-C06 Datasheet
315Kb / 4P
General Purpose
SNP-C060 SKYNET-SNP-C060 Datasheet
315Kb / 4P
General Purpose
SNP-C063 SKYNET-SNP-C063 Datasheet
315Kb / 4P
General Purpose
SNP-C064 SKYNET-SNP-C064 Datasheet
315Kb / 4P
General Purpose
SNP-C066 SKYNET-SNP-C066 Datasheet
315Kb / 4P
General Purpose
More results

Similar Description - SNP-C049

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
General purpose
logo
Skynet Electronic Copyr...
SNP-Z20 SKYNET-SNP-Z20 Datasheet
326Kb / 4P
General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
SNP-F60 SKYNET-SNP-F60 Datasheet
355Kb / 4P
General Purpose
SNP-F80 SKYNET-SNP-F80 Datasheet
411Kb / 4P
General Purpose
logo
Motorola, Inc
2N4123 MOTOROLA-2N4123 Datasheet
165Kb / 6P
General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com