Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05200041 Datasheet(PDF) 1 Page - Testo SE & Co. KGaA

Part # 05200041
Description  Core temperature thermometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200041 Datasheet(HTML) 1 Page - Testo SE & Co. KGaA

  05200041 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200041 Datasheet HTML 2Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
testo 106
www.testo.com
Data sheet
Ideal for use in the food sector
TopSafe: dishwasher-safe protective cover (IP67), protects
from dirt and impact
Small, handy and always ready to hand
Audible and optical alarm
Automatic final value recognition (Auto-hold)
Hardly visible punctures
Certified according to EN 13485 (only in combination with
TopSafe)
Core temperature
thermometer
testo 106 – The compact food
thermometer
°C
The core thermometer testo 106 is especially fast and
robust. Its small handy shape means it is always close to
hand and ready for use. Thanks to its very thin and robust
measurement tip, it is excellently suited to core temperature
checks in gastronomy, hotels, large kitchens, supermarkets
etc. The dishwasher-safe TopSafe protects the instrument
from dirt, water and impact.
The testo 106 is comform to HACCP as well as EN 13485.
If required, upper and lower limit values can be stored
in the instrument; as soon as these values are violated,
audible and optical warning signals are given. This
alarm function and the automatic final value recognition
facilitate measurement and support you in recognizing and
interpreting measurement values quickly and correctly.
IP67
(with TopSafe)


Similar Part No. - 05200041

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0520000000 WEIDMULLER-0520000000 Datasheet
1Mb / 52P
SAK-series
logo
Littelfuse
05200001 LITTELFUSE-05200001 Datasheet
530Kb / 3P
Fuse Blocks and Clips - For 1/4 Diameter Fuses
05200001 LITTELFUSE-05200001 Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
05200001 LITTELFUSE-05200001 Datasheet
549Kb / 1P
Pb 100/445/030/520 Series, P.C. Board Type for 5mm Diameter Fuses
logo
Testo SE & Co. KGaA
05200001 TESTO-05200001 Datasheet
722Kb / 8P
Temperature measuring instrument (2-channel)
More results

Similar Description - 05200041

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RB50 HOLTEK-HT46RB50 Datasheet
256Kb / 3P
Thermometer
logo
Extech Instruments Corp...
39240 EXTECH-39240 Datasheet
134Kb / 1P
Waterproof Thermometer
42530 EXTECH-42530 Datasheet
138Kb / 4P
High Temperature InfraRed Thermometer with Laser Pointer
42540A EXTECH-42540A Datasheet
332Kb / 8P
High Temperature InfraRed Thermometer with Laser Pointer
42542 EXTECH-42542 Datasheet
821Kb / 1P
High Temperature IR Thermometer
42545A EXTECH-42545A Datasheet
161Kb / 8P
High Temperature InfraRed Thermometer with Laser Pointer
RH101 EXTECH-RH101 Datasheet
155Kb / 8P
Hygro-Thermometer InfraRed Thermometer
RH101 EXTECH-RH101_15 Datasheet
281Kb / 1P
Hygro-Thermometer InfraRed Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
Infra Red Thermometer in TO-39 for high temperature thermometer guns
logo
SHENZHEN FUMAN ELECTRON...
SC8492E FUMAN-SC8492E Datasheet
412Kb / 11P
thermometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com