Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-CK6 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-CK6
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-CK6 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-CK6 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-CK6 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-CK6 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-CK6 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for model selection. For business, engineering specification by model must be used.
General Purpose
4-2
-Clark-
JUL. 2014
Rated
60W
SNP-CK6 Series
Output Specifications:
1. At factory, all outputs in 60% rated load condition, each output is checked to be within the accuracy range while the main output is setting to within the
specified accuracy range at rated load.
2. Line regulation is defined by changing ±10% of input voltage from nominal line at rated load.
3. Load regulation is defined by changing ±40% of measured output load from 60% rated load at another output set to 60% rated load.
4. Ripple & noise is measured by using 15MHz bandwidth limited oscilloscope and terminated each output with a 0.47uF capacitor at rated load and nominal
line. For SNP-CK66 and SNP-CK6B, one extra 1 uF electrolytic capacitor should be added.
5. Hold up time is measured from the end of the last charging pulse to the time which the main output drop down to regulation limit at rated load and nomi-
nal line.
6. Model Selection:
SNP-CK6x is for ITE application.
Note:
SNP-CK66
+5V
0A
8A
+4.95V~+5.05V
50mVpp
±1%
±3%
SNP-CK67
+12V
0A
5A
+11.4V~+12.6V
±1%
±1%
±3%
SNP-CK68
+15V
0A
4A
+14.75V~+15.3V
±1%
±0.5%
±1%
SNP-CK69
+24V
0A
2.5A
+23.28V~+24.72V
±1%
±1%
±3%
SNP-CK6T
+48V
0A 1.25A
+46.56V~+49.44V
±1%
±1%
±3%
SNP-CK6B
+3.3V
0A
8A
+3.26V~+3.34V
50mVpp
±0.5%
±3%
MODEL
OUTPUT
LOAD
VOLTAGE
RIPPLE
LINE
LOAD
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
NOISE
REG.
REG.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com