Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-D129 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-D129
Description  Din Rail
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-D129 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-D129 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-D129 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-D129 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-D129 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
Din Rail
-Eric-
Rated 120W
SNP-D129
MAY 2015
4-2
Output Specifications:
Notes:
1. Each output can deliver peak load for max. 1 min. at 45oC or even continuous with forced cooling.
2. At factory, in 60% rated load condition, the output is checked to be within the accuracy range while the main output is set
within the specified accuracy range at rated load.
3. Line regulation is defined by changing ±10% of input voltage from nominal line at rated load.
4. Load regulation is defined by changing ±40% of measured output load from 60% rated load.
5. Ripple & noise is measured by using 15MHz bandwidth limited oscilloscope and terminated the output with a 0.47uF capaci-
tor at rated load and nominal line.
6. Hold up time is measured from the end of the last charging pulse to the time when the main output drop down to regulation
limit at rated load and nominal line.
7. Efficiency is measured at rated load and nominal line.
SNP-D129
+24V
0A
5A
6A
±2%
<40mVpp
±1%
±1%
MODEL
OUTPUT
LOAD
VOLTAGE
RIPPLE
LINE
LOAD
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
NOISE
REG.
REG.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com