Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-C109 Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-C109
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-C109 Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-C109 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-C109 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-C109 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-C109 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
** This data sheet is only for model selection. For business, engineering specification by model must be used.
4-1
AUG. 2014
-Eric-
Rated
100W
Peak
150W
SNP-C10 Series
General Purpose
Notes:
1. Size:
3.74" x 6.26" x 1.42"
2. Connectors
AC input & DC output : Terminal Blocks, 8.25mm interval
3. Output Pin assignment:
4. Packing:
Net weight: 610 g approx. / unit
Gross weight: 14.6 kg approx. / carton, 20 units / carton
Carton size (mm): 430 (L) x 306 (W) x 251 (H)
General Specifications:
Input voltage ...........................................85VAC to 264VAC
Input frequency.................................................47Hz to 63Hz
Inrush current ............................................< 30A at 115VAC
(cold start at 25oC)
or < 60A at 230VAC
Efficiency .............................. 80%~87% depends on models
at rated load and 115VAC
Hold up time ..................................................... 16ms typical
at rated load and 115VAC
Over load protection ........................................ auto recovery
Short circuit protection ................................... auto recovery
Mechanical Specifications:
Over voltage protection ........................................... latch off
Operating temperature ................... -20oC to 70oC convection
derating: 2.5% / oC > 50oC
Cooling ..................................................... free air convection
Storage temperature ...................................... -40oC to +75oC
EMI .......................................................................... FCC "B"
EN55022"B", EN55011"B"
Harmonics ........................................................ EN61000-3-2
EMS ...................................... EN61000-4-2,-3,-4,-5,-6,-8,-11
Safety .................................................................. UL 60950-1
CSA C22.2 No. 60950-1
EN 60950-1
SNP-C100
Features:
●
Built-in active PFC
●
With ITE safety
●
Only 1.42 inch height
●
With power on LED
●
With output adjustable trimmer
●
Efficiency between 80% to 87%
●
Operation from -20oC to 70oC by convection
Applications:
●
For machinery.
●
For industrial equipment.
10 years Warranty (contact Skynet's Distributors for details)
3.74" x 6.26" x 1.42"
PIN NO.
1
2
3
4
5
6
7
8
SNP-C106 AC/L AC/N Earth GND GND +5V +5V
SNP-C107 AC/L AC/N Earth GND GND +12V +12V
SNP-C108 AC/L AC/N Earth GND GND +15V +15V
SNP-C109 AC/L AC/N Earth GND GND +24V +24V
SNP-C10T AC/L AC/N Earth GND GND +48V +48V
SNP-C103 AC/L AC/N Earth GND +12V GND +5V
SNP-C10A AC/L AC/N Earth GND +24V GND +5V
SNP-C100 AC/L AC/N Earth +12V -5V +12V GND +5V
SNP-C104 AC/L AC/N Earth -15V -5V +15V GND +5V
SNP-C10F AC/L AC/N Earth -12V +24V +12V GND +5V
117.0
28.5
10.5
3.5
28.5
22.0
19.0
6.5
o3.5
8.25
TB1
8
1
LED
VR
152.5
4.5
3.5
4.5
24.0
Bottom view
78.0
84.5
5.5
32.0
Screw protrusion
customer system
3.5 max.
Chassis
Mounting screw
159.0(6.26")
95.0
(3.74")
36.0(1.42”)
150.0
ϕ3.5
x5 Mounting Holes


Similar Part No. - SNP-C109

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
SNP-C150 SKYNET-SNP-C150 Datasheet
319Kb / 4P
General Purpose
SNP-C153 SKYNET-SNP-C153 Datasheet
319Kb / 4P
General Purpose
SNP-C154 SKYNET-SNP-C154 Datasheet
319Kb / 4P
General Purpose
SNP-C157 SKYNET-SNP-C157 Datasheet
319Kb / 4P
General Purpose
More results

Similar Description - SNP-C109

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
General purpose
logo
Skynet Electronic Copyr...
SNP-Z20 SKYNET-SNP-Z20 Datasheet
326Kb / 4P
General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
SNP-F60 SKYNET-SNP-F60 Datasheet
355Kb / 4P
General Purpose
SNP-F80 SKYNET-SNP-F80 Datasheet
411Kb / 4P
General Purpose
logo
Motorola, Inc
2N4123 MOTOROLA-2N4123 Datasheet
165Kb / 6P
General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com