Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-C06A Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-C06A
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-C06A Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-C06A Datasheet HTML 1Page - Skynet Electronic Copyright SNP-C06A Datasheet HTML 2Page - Skynet Electronic Copyright SNP-C06A Datasheet HTML 3Page - Skynet Electronic Copyright SNP-C06A Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for model selection. For business, engineering specification by model must be used.
4-2
Rated
60W
Peak
90W
SNP-C06 Series
-Eric-
General Purpose
AUG. 2014
SNP-C06B
+3.3V
0A
15A
20A
+3.27V~+3.33V
50mVpp
±1%
±1%
77%
SNP-C066
+5V
0A
10A
18A
+4.95V~+5.05V
50mVpp
±1%
±1%
80%
SNP-C067
+12V
0A
5A
7.5A
+11.9V~+12.1V 120mVpp
±1%
±1%
84%
SNP-C068
+15V
0A
4A
6A
+14.9V~+15.1V 150mVpp
±1%
±1%
83%
SNP-C069
+24V
0A 2.5A
3.8A
+23.9V~+24.1V 240mVpp
±1%
±1%
85%
SNP-C06T
+48V
0A 1.3A
1.9A
+47.8V~+48.2V 240mVpp
±1%
±1%
86%
SNP-C063
+5V
0A
6A
8A
10A
+4.95V~+5.05V
50mVpp
±1%
±2%
81%
+12V
0A
2A
3A
4A
+11.4V~+12.6V 120mVpp
±1%
±2%
SNP-C06A
+5V
0A
4A
5A
6A
+4.95V~+5.05V
50mVpp
±1%
±2%
84%
+24V
0A 1.5A
2A
3A
+22.8V~+25.2V 240mVpp
±1%
±2%
+5V
0A
5A
7A
8A
+4.95V~+5.05V
50mVpp
±1%
±2%
SNP-C060
+12V
0A 1.5A
2A
3A
+11.4V~+12.6V 120mVpp
±1%
±2%
80%
-12V
0A 0.5A
1A
-11.4V~-12.6V 120mVpp
±1%
±3%
-5V
0A 0.5A
1A
-4.9V~-5.25V
50mVpp
±1%
±3%
+5V
0A
5A
7A
8A
+4.95V~+5.05V
50mVpp
±1%
±2%
SNP-C064
+15V
0A 1.2A
2A 2.7A +14.25V~+15.75V 150mVpp
±1%
±2%
80%
-15V
0A 0.5A
1A
-14.25V~-15.75V 150mVpp
±1%
±3%
-5V
0A 0.5A
1A
-4.9V~-5.25V
50mVpp
±1%
±3%
+5V
0A
3A
5A
6A
+4.95V~+5.05V
50mVpp
±1%
±2%
SNP-C06F
+12V
0A 0.9A
2A
3A
+11.4V~+12.6V 120mVpp
±1%
±2%
83%
+24V
0A 0.9A 1.5A
2A
+22.8V~+25.2V 240mVpp
±1%
±3%
-12V
0A 0.5A
1A
-11.4V~-12.6V 120mVpp
±1%
±3%
Output Specifications:
1. The max. load can be continuously provided at 50oC and convection cooling conditions. The peak load can be temporarily provided up to 8 seconds.
2. At factory, all outputs in 60% rated load condition, each output is checked to be within the accuracy range while the main output is setting to within the
specified accuracy range at rated load.
3. Line regulation is defined by changing ±10% of input voltage from nominal line at rated load.
4. Load regulation is defined by changing ±40% of measured output load from 60% rated load at another output set to 60% rated load.
5. Ripple & noise is measured by using 15MHz bandwidth limited oscilloscope and terminated each output with a 0.47uF + 10uF capacitor at rated load and
nominal line.
6. Hold up time is measured from the end of the last charging pulse to the time which the main output drop down to regulation limit at rated load and nomi-
nal line.
Note:
MODEL
OUTPUT
LOAD
VOLTAGE
RIPPLE
LINE
LOAD EFFICIENCY
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
NOISE
REG.
REG.
TYPICAL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com