Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-D489 Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-D489
Description  Din Rail
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-D489 Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-D489 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-D489 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-D489 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-D489 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Din Rail
** This data sheet is only for models selection. For business, engineering specification by model must be used.
-Eric-
4-1
MAY 2015
Rated 480W
SNP-D489
Input voltage ...........................................90VAC to 264VAC
Input current ................... <10A@115VAC, < 5A @230VAC
Input frequency ............................................... 47Hz to 63Hz
Inrush current ........................................... < 30A @ 115VAC
(cold start at 25oC)
or < 60A@ 230VAC
Outputs ......................................................... see output table
Efficiency ....................................... 90% typical at 230VAC
Hold up time ............................................................. > 20ms
at 115VAC input
Over voltage protection ........................................... latch off
Short circuit protection ..................................... auto recovery
Over load protection ......................................... auto recovery
Operating temperature ................................... -10oC to +70oC
(derating : typ. 12W/K > 50oC@115VAC, > 60oC@230VAC)
Cooling ..................................................... free air convection
Storage temperature ....................................... -25oC to +85oC
EMI standard .......................... FCC docket 20780 curve "B"
EN55022 "B", EN61000-3-2 Class D
Safety ......................................................... UL 1950, UL 508
CSA C22.2 No. 950-M90, EN 60950
Mechanical Specifications:
General Specifications:
Features:
●
With built-in PFC
●
85% ~ 90% efficiency
●
60% power boost ability
●
23.5V to 29V adjustable output range
●
Parallel operation:
SNP-D129 & SNP-D249 by optional module
SNP-D489 built-in
●
Patented Ring-Free ZVS & Active PFC
●
For ITE audio equipment, telecommunication, network,
IPC, instrument equipment, and other uses.
Applications:
Note:
1. Size:
4.92" x 9.33" x 4.06"
2. Connectors:
AC & DC Connector : Terminal blocks
(suitable wire 26~10AWG)
3. Power on indicator:
Green light on the panel
4. Hook:
For standard symmetrical 35mm DIN-rail
5. Packing:
Net weight: 1980 g approx. / unit
Gross weight: 14 kg approx. / carton, 6 units / carton
Carton size (mm): 450 (L) x 367 (W) x 311 (H)
10 years Warranty (contact Skynet's Distributors for details)
110.0 ref.
LED VR DC OUTPUT
AC INPUT
P.S. + + - -
N L
237.0
(9.33")
(4.06")
103.0
125.0 ref.
(4.92")
4.92" x 9.33" x 4.06"


Similar Part No. - SNP-D489

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-D129 SKYNET-SNP-D129 Datasheet
313Kb / 4P
Din Rail
SNP-D249 SKYNET-SNP-D249 Datasheet
333Kb / 4P
Din Rail
More results

Similar Description - SNP-D489

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CKM CRYDOM-CKM Datasheet
545Kb / 4P
DIN Rail Mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
DIN Rail Mount
logo
Weidmuller
6720005421 WEIDMULLER-6720005421 Datasheet
349Kb / 4P
DIN-Rail Receptacle
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
DIN RAIL MOUNT
logo
List of Unclassifed Man...
SDP1-48-100T ETC2-SDP1-48-100T Datasheet
727Kb / 2P
DIN Rail Mounting/Montaje en Riel DIN/Montage du Rail DIN
logo
Crydom Inc.,
DRK1 CRYDOM-DRK1_17 Datasheet
338Kb / 2P
DIN Rail Adapter fits Standard 35mm DIN Rail
logo
Skynet Electronic Copyr...
SNP-D129 SKYNET-SNP-D129 Datasheet
313Kb / 4P
Din Rail
SNP-D249 SKYNET-SNP-D249 Datasheet
333Kb / 4P
Din Rail
logo
Schneider Electric
SSLM1ND101BD SCHNEIDER-SSLM1ND101BD Datasheet
184Kb / 2P
Symmetrical DIN rail
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com