Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-F507 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-F507
Description  SNP-F50 Family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-F507 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-F507 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-F507 Datasheet HTML 2Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
SNP-F50 Family
F50
Rated
500 W
Max.
750 W
Peak
1000 W
Page 2
Jan. 2018
Notes:
1. Size: 4.5" x 7.5" x 1.65"
2. Connectors and pin assignment:
Mechanical Specifications:
ACInput/TB1
(TerminalBlock)
Pin
E
N
L
Function
Earth
Neutral
Line
DC Input / TB2~5
(TerminalBlock)
Function
GND
GND
+V
+V
Pin
TB2
TB3
TB4
TB5
Fan Onput / TB6
(Molex5045-02A)
Function
GND
FAN
Pin
1
2
Remote Sense / TB7
(Molex5045-02A)
Function
-RS
+RS
Pin
1
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com