Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-F60 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-F60
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-F60 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-F60 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-F60 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-F60 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-F60 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
General Purpose
** This data sheet is only for models selection. For business, engineering specification by model must be used.
4-2
AUG. 2014
-Kevin-
Rated
600W
SNP-F60 Series
Output Specifications:
Note:
1. At peak load, the output can last for 8 seconds without shout down.
2. At factory, in 60% rated load condition, the output is checked to be within voltage accuracy.
3. Line regulation is defined by changing ±10% of input voltage from nominal line at rated load.
4. Load regulation is defined by changing ±40% of measured output load from 60% rated load at another output set to 60% rated load.
5. Ripple & noise is measured by using 15MHz bandwidth limited oscilloscope and terminated each output with a 0.47uF capacitor at rated load and
nominal line.
6. Hold up time is measured from the end of the last charging pulse to the time which the main output drops down to low limit of main output at
rated load and nominal line.
7. Efficiency is measured at rated load and nominal line.
8. EMI filter (Delta 15GEE G3E-R) has to be used for the requirement of EMI.
9. Installations (A) and (B) can achieve 100% rated load, installation (C) can achieve 85% rated load.
SNP-F607
+12V
0.2A 45.8A
83.5A
+11.9V~+12.1V
120mVpp
±1%
±1%
86%
SNP-F609
+24V
0.2A
25A
42A
+23.9V~+24.1V
240mVpp
±1%
±1%
88%
SNP-F60J
+36V
0.2A 16.67A
27.8A
+35.6V~+36.4V
360mVpp
±1%
±1%
90%
SNP-F60T
+48V
0.2A 12.5A
20.8A
+47.8V~+48.2V
480mVpp
±1%
±1%
90%
Installation Instruction
Installation (A) : AC input at lower side
Vertical assembly with bracket
Installation (A) : AC input at lower side
Din rail hook assembly
Installation (B) : AC input at upper side
Vertical assembly with bracket
Installation (B) : AC input at upper side
Din rail hook assembly
Installation (C) :
Horizontal assembly without bracket
4.0
120.0
7.5
40.0
333.0
317.6
42.0
35.0 55.0
10.0
157.0
Bracket
Bracket
M4Screwtofixbracket
x4
Screws to system x4
(Prefer #8-32 or M4 screws)
System chassis
7.5
4.0
120.0
40.0
#6-32 Screw
x6
Screws to system x4
(Prefer #8-32 or M4 screws)
Bracket
Bracket
M4Screwtofixbracket
System chassis
x4
42.0
157.0
333.0
317.6
35.0 55.0
10.0
M4 Screw
M4 Screw
System
chassis
MODEL
OUTPUT
LOAD
VOLTAGE
RIPPLE
LINE
LOAD
EFFICIENCY
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
NOISE
REG.
REG.
TYPICAL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com