Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-F807 Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-F807
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-F807 Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-F807 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-F807 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-F807 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-F807 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Purpose
** This data sheet is only for models selection. For business, engineering specification by model must be used.
AUG. 2014
4-1
-Kevin-
Rated
800W
SNP-F80 Series
Input voltage ......................................... 90 VAC to 264 VAC
Input frequency ............................................. 47 Hz to 63 Hz
Power factor ................................................................ > 0.93
Inrush current ............................................< 10A at 115VAC
(cold start at 25oC)
or < 20A at 230VAC
Efficiency .............................. 86%~90% depends on models
Hold up time .................................................... 12 ms typical
at rated load and 115VAC
Over load protection ........................................ auto recovery
Short circuit protection..................................... auto recovery
Over voltage protection ............................................ latch off
Operating temperature ......................................... 0oC to 50oC
Cooling ................................................................ fan cooling
Storage temperature ...................................... -20oC to +85oC
EMI ................................................. FCC "A", EN55022 "B"
Harmonics............................................ EN61000-3-2 class D
EMS........................................... EN61000-4-2,-3,-4,-5,-6,-11
Safety ...................................................UL/EN/CSA 60950-1
UL/EN/CSA 60601-1
Mechanical Specifications:
General Specifications:
Features:
Accessories
For 35mm carrier rail application :
Rail hook x2 & #6-32 screw x 6 (Options)
Rail hook
#6-32 Screw
Ø
5.2
4.6
93.6 ref.
7.5
45.3
4.0
23.0
●
All with universal input
●
Built-in active PFC
●
With all necessary protection
●
Efficiency between 86% to 90%
●
Three installation ways for customer's system
●
For Din Rail hook assembly
●
Peak load up to 1000W for 8 sec.
Applications:
●
For ITE, medical and industrial equipment.
Notes:
1. Size:
5.91" x 10.83" x 2.95"
2. Connectors:
AC input & DC output: Terminal Blocks
3. Packing:
Net weight: 2300 g approx. / unit
Gross weight: 14 kg approx. / carton, 5 units / carton
Carton size (mm): 558 (L) x 356 (W) x 233 (H)
10 years Warranty (contact Skynet's Distributors for details)
5.91" x 10.83" x 2.95"
x8
75.0
275.0 ref. (10.83")
105.0
11.0
22.0
35.0
20.0
Screw protrusion limited
customer system
For #6-32 Mounting screw
C1 : M4 screw -- 10kg-cm max.
C2 : #6-32 screw -- 7kg-cm
max.
5.0 max.
Chassis
Mounting screw
C1
C1
C1
C1
C1
C1
C1
C1
C1
C1
C2
C2
C2
C2
C2
C2
C2
C2
127.0
22.0
265.0
205.0
For M4x0.7 Mounting screw
205.0
LED
17
2
x8
(5.91")
150.0
18
1
For vertical assembly :
Bracket x 2 pcs & M4 screws x 4
Bracket
M4 Screw
6.0
4.0
30.0
6.0
28.0
70.0
55.0
35.0
4.5
7.5
Ø
9.2
Holes Ø 4.5
x2
(2.95")


Similar Part No. - SNP-F807

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-F50 SKYNET-SNP-F50 Datasheet
233Kb / 2P
SNP-F50 Family
SNP-F507 SKYNET-SNP-F507 Datasheet
233Kb / 2P
SNP-F50 Family
SNP-F509 SKYNET-SNP-F509 Datasheet
233Kb / 2P
SNP-F50 Family
SNP-F50T SKYNET-SNP-F50T Datasheet
233Kb / 2P
SNP-F50 Family
SNP-F60 SKYNET-SNP-F60 Datasheet
355Kb / 4P
General Purpose
More results

Similar Description - SNP-F807

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FB-1X PREMO-FB-1X Datasheet
122Kb / 1P
General Purpose
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
General purpose
logo
Skynet Electronic Copyr...
SNP-Z20 SKYNET-SNP-Z20 Datasheet
326Kb / 4P
General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
SNP-F60 SKYNET-SNP-F60 Datasheet
355Kb / 4P
General Purpose
logo
Motorola, Inc
2N4123 MOTOROLA-2N4123 Datasheet
165Kb / 6P
General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com