Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003305 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3003305
Description  UK 6 N OG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3003305 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3003305 Datasheet HTML 1Page - PHOENIX CONTACT 3003305 Datasheet HTML 2Page - PHOENIX CONTACT 3003305 Datasheet HTML 3Page - PHOENIX CONTACT 3003305 Datasheet HTML 4Page - PHOENIX CONTACT 3003305 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 25, 2011
Extract from the online
catalog
 
UK 6 N OG
Order No.: 3003305
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3003305
 
 
Feed-through modular terminal block, Type of connection: Screw
connection, Number of positions: 1, Cross section: 0.2 mm² - 10
mm², AWG 24 - 8, Width: 8.2 mm, Color: orange, Mounting type: NS
35/7.5, NS 35/15
 
Commercial data
GTIN (EAN)
4
017918
240417
sales group
A000
Pack
50 pcs.
Customs tariff
85369010
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CCA, CUL, DNV, GL, KEMA, UL


Similar Part No. - 3003305

ManufacturerPart #DatasheetDescription
logo
3M Electronics
30033 3M-30033 Datasheet
69Kb / 2P
3MTM Static Shielding Bag SCC 1000
logo
Wurth Elektronik GmbH &...
3003325A WURTH-3003325A Datasheet
219Kb / 2P
WE-CF EMI Shielding Sheet/EMI Shielding Tape
006.001
logo
PHOENIX CONTACT
3003347 PHOENIX-3003347 Datasheet
179Kb / 8P
UK 2,5 N
3003350 PHOENIX-3003350 Datasheet
180Kb / 8P
UK 2,5 N BU
3003363 PHOENIX-3003363 Datasheet
109Kb / 5P
MT 1,5 BU
More results

Similar Description - 3003305

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0719016 PHOENIX-0719016 Datasheet
107Kb / 8P
Feed-through modular terminal block - UK 1,5N OG
0719113 PHOENIX-0719113 Datasheet
186Kb / 19P
Feed-through terminal block - UK 3 N OG
0719223 PHOENIX-0719223 Datasheet
80Kb / 6P
Feed-through terminal block - UK 6 N RD
3002908 PHOENIX-3002908 Datasheet
155Kb / 5P
UK 5 N OG
3004168 PHOENIX-3004168 Datasheet
76Kb / 5P
Test disconnect terminal block - UK 5-HESI-T OG
3004524 PHOENIX-3004524 Datasheet
173Kb / 8P
UK 6 N
3004977 PHOENIX-3004977 Datasheet
193Kb / 9P
UK 6 N BU
3024753 PHOENIX-3024753 Datasheet
66Kb / 3P
Installation ground terminal block - UK 6 N-PE/N
3026780 PHOENIX-3026780 Datasheet
132Kb / 4P
UK 2,5 N OG
3118203 PHOENIX-3118203 Datasheet
166Kb / 8P
UK 6-FSI/C
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com