Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD167 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD167
Description  10-17 GHz Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD167 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD167 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD167 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD167 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD167 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD167 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD167 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD167 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD167 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD167 Datasheet HTML 9Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD167 is a highly efficient GaAs
MMIC low noise amplifier ideally suited for
EW and communications systems where small
size and low power consumption are needed.
At 14 GHz the device delivers greater than 16
dB of gain with a corresponding output 1 dB
compression point of +11 dBm and noise fig-
ure of 1.8 dB. The CMD167 is a 50 ohm
matched design which eliminates the need for
external DC blocks and RF port matching. The
CMD167 offers full passivation for increased
reliability and moisture protection. This ampli-
fier is the perfect alternative to higher cost hy-
brid amplifiers.
► Ultra low noise performance
► Low current consumption
► Small die size
Electrical Performance - Vdd = 3.0 V, TA = 25
oC, F=14 GHz
Features
Description
Functional Block Diagram
ver 2.2 0516
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
16
dB
Noise Figure
1.8
dB
Input Return Loss
20
dB
Output Return Loss
25
dB
Output P1dB
11
dBm
Supply Current
55
mA
10 - 17
RFIN
Vdd
RFOUT
1
2
3
CMD167
CMD167
CMD167
10-17 GHz Low Noise Amplifier


Similar Part No. - CMD167

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD167P3 MMIC-CMD167P3 Datasheet
253Kb / 10P
8-16 GHz Low Noise Amplifier
More results

Similar Description - CMD167

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA2626 TRIQUINT-QPA2626 Datasheet
1Mb / 14P
17-22 GHz GaAs Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD160C4 MMIC-CMD160C4 Datasheet
252Kb / 9P
17-25 GHz Low Noise Amplifier
CMD163 MMIC-CMD163 Datasheet
226Kb / 9P
17-27 GHz Low Noise Amplifier
CMD163C4 MMIC-CMD163C4 Datasheet
258Kb / 10P
17-27 GHz Low Noise Amplifier
CMD298 MMIC-CMD298 Datasheet
233Kb / 12P
17-25 GHz Low Noise Amplifier
CMD298C4 MMIC-CMD298C4 Datasheet
258Kb / 12P
17-25 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD298 QORVO-CMD298 Datasheet
233Kb / 12P
17-25 GHz Low Noise Amplifier
CMD298C4 QORVO-CMD298C4 Datasheet
258Kb / 12P
17-25 GHz Low Noise Amplifier
CMD298C4 QORVO-CMD298C4_V01 Datasheet
322Kb / 13P
17-25 GHz Low Noise Amplifier
August 23, 2021
logo
Teledyne Technologies I...
TDLNA2626SEP TELEDYNE-TDLNA2626SEP Datasheet
1Mb / 10P
17-22 GHz Low Noise Amplifier
06-2023 Rev 0.7a
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com